Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
18
Right Justified mode is where the LSB is available on the rising edge of BCLK preceding a DACLRC
transition, yet MSB is still transmitted first.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 14 Right Justified Mode
DSP mode is where the left channel MSB is available on either the 1
st or 2nd rising edge of BCLK
(selectable by LRP) following a DACLRC transition high. Right channel data immediately follows left
channel data.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
1 BCLK
Input Word Length (IWL)
Note: Input word length is defined by the IWL register, LRP = 1
1/fs
Figure 15 DSP Mode
In all modes DACLRC must always change on the falling edge of BCLK, refer to Figure 12, Figure
13, Figure 14 and Figure 15.
Operating the digital audio interface in DSP mode allows ease of use for supporting the various
sample rates and word lengths. The only requirement is that all data is transferred within the correct
number of BCLK cycles to suit the chosen word length.
In order for the digital audio interface to offer similar support in the three other modes (Left Justified,
I
2S and Right Justified), the DACLRC and BCLK frequencies, continuity and mark-space ratios need
more careful consideration.
In Slave mode, DACLRC inputs are not required to have a 50:50 mark-space ratio. BCLK input need
not be continuous. It is however required that there are sufficient BCLK cycles for each DACLRC
transition to clock the chosen data word length. The non-50:50 requirement on the DACLRC is of use
in some situations such as with a USB 12MHz clock. Here simply dividing down a 12MHz clock
within the DSP to generate DACLRC and BCLK will not generate the appropriate DACLRC since it
will no longer change on the falling edge of BCLK. For example, with 12MHz/32k fs mode there are
375 MCLK per DACLRC. In these situations DACLRC can be made non 50:50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com