Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
26
2-WIRE SERIAL CONTROL MODE
The WM8721 supports a 2-wire MPU serial interface. The device operates as a slave device only.
The WM8721 has one of two slave addresses that are selected by setting the state of pin 15 (SSOP)
/ 26 (QFN), (CSB).
SDIN
SCLK
ACK
R ADDR
ACK
DATA B15-8
STOP
START
DATA B7-0
R/W
ACK
Figure 19 2-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
CSB STATE
Address
0
0011010
1
0011011
Table 17 2-Wire MPU Interface Address Selection
To control the WM8721 on the 2-wire bus the master control device must initiate a data transfer by
establishing a start condition, defined by a high to low transition on SDIN while SCLK remains high.
This indicates that an address and data transfer will follow. All peripherals on the 2-wire bus respond
to the start condition and shift in the next eight bits (7-bit address + R/W bit). The transfer is MSB
first. The 7-bit address consists of a 6-bit base address + a single programmable bit to select one of
two available addresses for this device (see Table 17). If the correct address is received and the R/W
bit is ‘0’, indicating a write, then the WM8721 will respond by pulling SDIN low on the next clock pulse
(ACK). The WM8721 is a write only device and will only respond to the R/W bit indicating a write. If
the address is not recognised the device will return to the idle condition and wait for a new start
condition and valid address.
Once the WM8721 has acknowledged a correct address, the controller will send eight data bits (bits
B15-B8). WM8721 will then acknowledge the sent data by pulling SDIN low for one clock pulse. The
controller will then send the remaining eight data bits (bits B7-B0) and the WM8721 will then
acknowledge again by pulling SDIN low.
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a
start or stop condition is detected out of sequence at any point in the data transfer then the device
will jump to the idle condition.
After receiving a complete address and data sequence the WM8721 returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com