Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
12
The DAC digital filter can apply digital de-emphasis under software control, as shown in Table 2. The
DAC can also perform a soft mute where the audio data is digitally brought to a mute level. This
removes any abrupt step changes in the audio that might otherwise result in audible clicks in the
audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
DEEMP[1:0]
00
De-emphasis Control
(Digital)
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
0000101
Digital Audio
Path Control
3
DACMU
1
DAC Soft Mute Control
(Digital)
1 = Enable soft mute
0 = Disable soft mute
Table 2 DAC Software Control
DAC
The WM8721 employs a multi-bit sigma delta oversampling digital to analogue converter. The
scheme for the converter is illustrated Figure 7.
FROM DAC
DIGITAL
FILTERS
TO LINE OUTPUT
Figure 7 Multi-Bit Oversampling Sigma Delta Schematic
The DAC converts the multi-level digital audio data stream from the DAC digital filters into high
quality analogue audio.
LINE OUTPUTS
The WM8721 provides two low impedance line outputs LOUT and ROUT, suitable for driving typical
line loads of impedance 10K and capacitance 50pF.
The LOUT and ROUT outputs are only available at a line output level and are not level adjustable in
the analogue domain, having a fixed gain of 0dB. The level is fixed such that at the DAC full scale
level the output level is 1Vrms at AVDD = 3.3 volts. Note that the DAC full scale level tracks directly
with AVDD. The scheme is shown in Figure 9. The line output includes a low order audio low pass
filter for removing out-of band components from the sigma-delta DAC. Therefore no further external
filtering is required in most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com