Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721SEDS/R Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8721SEDS/R
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721SEDS/R Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8721SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8721SEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
27
POWER DOWN MODES
The WM8721 contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in Table 18.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Line Output Power Down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 18 Power Conservation Modes Software Control
Note:
When writing to register 0000110 bits 5 and 6 should be set to 1.
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during playback or pause. Please follow the special instructions below if dynamic
implementations are being used.
DACPD: Powers down the DAC and DAC Digital Filters. If this is done dynamically then audible pops
will result unless the following guidelines are followed. In order to prevent pops, the DAC should first
be soft-muted (DACMU), the output should then be de-selected from the line and headphone output
(DACSEL), then the DAC powered down (DACPD). This is of use when the device enters Pause or
Stop modes.
OUTPD: Powers down the Line Headphone Output. If this is done dynamically then audible pops
may result unless the DAC is first soft-muted (DACMU). This is of use when the device enters Pause
or Stop modes.
The device can be put into a standby mode (STANDBY) by powering down all the audio circuitry
under software control by setting DACPD and OUTPD, but not setting POWEROFF.
In STANDBY mode the Control Interface, a small portion of the digital and areas of the analogue
circuitry remain active. The active analogue includes the analogue VMID reference so that the
analogue line outputs and headphone outputs remain biased to VMID. This reduces any audible
effects caused by DC glitches when entering or leaving STANDBY mode.
The device can be powered off by writing to the POWEROFF bit of the Power Down register. In
POWEROFF mode the Control Interface and a small portion of the digital remain active. The
analogue VMID reference is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com