Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 60 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 56Page - STMicroelectronics STR91XF_07 Datasheet HTML 57Page - STMicroelectronics STR91XF_07 Datasheet HTML 58Page - STMicroelectronics STR91XF_07 Datasheet HTML 59Page - STMicroelectronics STR91XF_07 Datasheet HTML 60Page - STMicroelectronics STR91XF_07 Datasheet HTML 61Page - STMicroelectronics STR91XF_07 Datasheet HTML 62Page - STMicroelectronics STR91XF_07 Datasheet HTML 63Page - STMicroelectronics STR91XF_07 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Electrical characteristics
STR91xF
60/73
6.13
ADC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 23.
ADC Electrical Characteristics
Notes: 1 Conditions: AVSS = 0 V, AVDD = 3.3 V fADC = 25 MHz.
2 The A/D is monotonic, there are no missing codes.
3 1 LSB = (VDDA - VSSA)/1024
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
VAIN
Input Voltage Range
0
AVREF
V
RES
Resolution
10
Bits
NCH
Number of Input Channels
8
N
fADC
ADC Clock Frequency
25
MHz
POR bit set to Standby mode
500
ms
Conversion Time
fADC = 25 MHz
0.7
µs
Throughput Rate
fADC = 25 MHz
1400
ksps
CIN
Input Capacitance
5
pF
ED
Differential Non-Linearity
[1] [2]
1
3
LSB[3]
EL
Integral Non-Linearity
[1]
3
6
LSB
EO
Offset Error
[1]
3
6
LSB
EG
Gain Error
[1]
0.5
2
LSB
ET
Absolute Error
[1]
4
6
LSB
IADC
Power Consumption
4.6
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com