Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 12Page - STMicroelectronics STR91XF_07 Datasheet HTML 13Page - STMicroelectronics STR91XF_07 Datasheet HTML 14Page - STMicroelectronics STR91XF_07 Datasheet HTML 15Page - STMicroelectronics STR91XF_07 Datasheet HTML 16Page - STMicroelectronics STR91XF_07 Datasheet HTML 17Page - STMicroelectronics STR91XF_07 Datasheet HTML 18Page - STMicroelectronics STR91XF_07 Datasheet HTML 19Page - STMicroelectronics STR91XF_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Functional overview
STR91xF
16/73
2.10.6 Baud rate clock (BRCLK)
The baud rate clock is an internal clock derived from fMSTR that is used by the three on-chip
UART peripherals for baudrate generation. The frequency can be optionally divided by 2.
2.10.7 External memory interface bus clock (BCLK)
The BCLK is an internal clock that controls the EMI bus. All EMI bus signals are synchronized
to the BCLK. The BCLK is derived from the HCLK and the frequency can be configured to be
the same or half that of the HCLK. Refer to Table9 on page50 for the maximum BCLK
frequency (fBCLK).
2.10.8 USB interface clock
Special consideration regarding the USB interface: The clock to the USB interface must operate
at 48 MHz and comes from one of three sources, selected under firmware control:
●
CCU master clock output of 48 MHz.
●
CCU master clock output of 96 MHz. An optional divided-by-two circuit is available to
produce 48 MHz for the USB while the CPU system runs at 96MHz.
●
STR91xF pin P2.7. An external 48 MHz oscillator connected to pin P2.7 can directly
source the USB while the CCU master clock can run at some frequency other than 48 or
96 MHz.
2.10.9 Ethernet MAC clock
Special consideration regarding the Ethernet MAC: The external Ethernet PHY interface device
requires it’s own 25 MHz clock source. This clock can come from one of two sources:
●
A 25 MHz clock signal coming from a dedicated output pin (P5.2) of the STR91xF. In this
case, the STR91xF must use a 25 MHz signal on its main oscillator input in order to pass
this 25 MHz clock back out to the PHY device through pin P5.2. The advantage here is that
an inexpensive 25 MHz crystal may be used to source a clock to both the STR91xF and
the external PHY device.
●
An external 25 MHz oscillator connected directly to the external PHY interface device. In
this case, the STR91xF can operate independent of 25 MHz.
2.10.10 External RTC calibration clock
The RTC_CLK (fRTC/8) can be enabled as an output on the JRTCK pin. The RTC_CLK is used
for RTC oscillator calibration. The RTC_CLK is active in Sleep mode and can be used as a
system wake up control clock.
2.10.11 Operation example
As an example of CCU operation, a 25 MHz crystal can be connected to the main oscillator
input on pins X1_CPU and X2_CPU, a 32.768 kHz crystal connected to pins X1_RTC and
X2_RTC, and the clock input of an external Ethernet PHY device is connected to STR91xF
output pin P5.2. In this case, the CCU can run the CPU at 96 MHz from PLL, the USB interface
at 48 MHz, and the Ethernet interface at 25 MHz. The RTC is always running in the background
at 32.768 kHz, and the CPU can go to very low power mode dynamically by running from
32.768 kHz and shutting off peripheral clocks and the PLL as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com