Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 49 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 45Page - STMicroelectronics STR91XF_07 Datasheet HTML 46Page - STMicroelectronics STR91XF_07 Datasheet HTML 47Page - STMicroelectronics STR91XF_07 Datasheet HTML 48Page - STMicroelectronics STR91XF_07 Datasheet HTML 49Page - STMicroelectronics STR91XF_07 Datasheet HTML 50Page - STMicroelectronics STR91XF_07 Datasheet HTML 51Page - STMicroelectronics STR91XF_07 Datasheet HTML 52Page - STMicroelectronics STR91XF_07 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
STR91xF
Electrical characteristics
49/73
6.5
AC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 8.
AC electrical characteristics
Notes: 1 ARM core and peripherals active with all clocks on. Power can be conserved by turning off
clocks to peripherals which are not required.
2 ARM core stopped and all peripheral clocks active.
3 ARM core stopped and all peripheral clocks stopped.
4 ARM core and all peripheral clocks stopped (with exception of RTC).
5 Current measured on the VDD pins. VDDQ current is not included.
Figure 10. Sleep Mode current vs temperature
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
IDDRUN
Run Mode Current
All peripherals
on
CPU_CLK =
96MHz [1] [5]
1.7
2.3
mA/
MHz
All peripherals
off
1.3
1.6
IIDLE
Idle Mode Current
All peripherals on [2] [5]
1.14
1.7
mA/
MHz
All peripherals off [3] [5]
0.45
0.75
mA/
MHz
ISLEEP
Sleep Mode Current
LVD On [4] [5]
55
825
µA
LVD Off [4] [5]
50
820
µA
IRTC_STBY
RTC Standby Current
Measured on VBATT pin
0.3
0.9
µA
ISRAM_STBY SRAM Standby Current Measured on VBATT pin
5
85
µA
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
20
40
60
80
100
120
-20
-40
TEMP [°C]
Typical
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com