Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 29 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 25Page - STMicroelectronics STR91XF_07 Datasheet HTML 26Page - STMicroelectronics STR91XF_07 Datasheet HTML 27Page - STMicroelectronics STR91XF_07 Datasheet HTML 28Page - STMicroelectronics STR91XF_07 Datasheet HTML 29Page - STMicroelectronics STR91XF_07 Datasheet HTML 30Page - STMicroelectronics STR91XF_07 Datasheet HTML 31Page - STMicroelectronics STR91XF_07 Datasheet HTML 32Page - STMicroelectronics STR91XF_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
STR91xF
Functional overview
29/73
2.24
A/D converter (ADC)
The STR91xF provides an eight-channel, 10-bit successive approximation analog-to-digital
converter. The ADC input pins are multiplexed with other functions on Port 4 as shown in
Table 3. Following are the major ADC features:
●
Fast conversion time, as low as 0.7 usec
●
Accuracy. Integral and differential non-linearity are typically within 4 conversion counts.
●
0 to 3.6V input range. External reference voltage input pin (AVREF) available on 128-pin
packages for better accuracy on low-voltage inputs. The voltage on AVREF can range
from 1.0V to VDDQ.
●
CPU Firmware may convert one ADC input channel at a time, or it has the option to set the
ADC to automatically scan and convert all eight ADC input channels sequentially before
signalling an end-of-conversion
●
Automatic continuous conversion mode is available for any number of designated ADC
input channels
●
Analog watchdog mode provides automatic monitoring of any ADC input, comparing it
against two programmable voltage threshold values. The ADC unit will set a flag or it will
interrupt the CPU if the input voltage rises above the higher threshold, or drops below the
lower threshold.
●
The ADC unit goes to stand-by mode (very low-current consumption) after any reset event.
CPU firmware may also command the ADC unit to stand-by mode at any time.
2.25
Standard timers (TIM) with DMA
The STR91xF has four independent, free-running 16-bit timer/counter modules designated
TIM0, TIM1, TIM2, and TIM3. Each general purpose timer/counter can be configured by
firmware for a variety of tasks including; pulse width and frequency measurement (input
capture), generation of waveforms (output compare and PWM), event counting, delay timing,
and up/down counting.
Each of the four timer units have the following features:
●
16-bit free running timer/counter
●
Internal timer/counter clock source from a programmable 8-bit prescale of the CCU PCLK
clock output
●
Optional external timer/counter clock source from pin P2.4 shared by TIM0/TIM1, and pin
P2.5 shared by TIM2/TIM3. Frequency of these external clocks must be at least 4 times
less the frequency of the internal CCU PCLK clock output. The Master clock (fMSTR) with a
16-bit prescaler can also be selected as an external clock source
●
Two dedicated 16-bit Input Capture registers for measuring up to two input signals. Input
Capture has programmable selection of input signal edge detection
●
Two dedicated 16-bit Output Compare registers for generation up to two output signals
●
PWM output generation with 16-bit resolution of both pulse width and frequency
●
One pulse generation in response to an external event
●
A dedicated interrupt to the CPU with five interrupt flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com