Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 41 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 37Page - STMicroelectronics STR91XF_07 Datasheet HTML 38Page - STMicroelectronics STR91XF_07 Datasheet HTML 39Page - STMicroelectronics STR91XF_07 Datasheet HTML 40Page - STMicroelectronics STR91XF_07 Datasheet HTML 41Page - STMicroelectronics STR91XF_07 Datasheet HTML 42Page - STMicroelectronics STR91XF_07 Datasheet HTML 43Page - STMicroelectronics STR91XF_07 Datasheet HTML 44Page - STMicroelectronics STR91XF_07 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
STR91xF
Pin description
41/73
-123
AVREF
V
ADC reference
voltage input
N/A
76
-
AVREF
_AVDD
V
Combined ADC
ref voltage and
ADC analog
voltage source,
2.7V - 3.6V
N/A
24
39
VBATT
V
Standby voltage
input for RTC
and SRAM
backup
N/A
6
9
VDDQ
V
V Source for
I/O and USB.
2.7V to 3.6V
N/A
15
23
VDDQ
V
36
57
VDDQ
V
46
73
VDDQ
V
54
86
VDDQ
V
28
43
VDDQ
V
63
102
VDDQ
V
74
120
VDDQ
V
-
-
VDDQ
V
-
8
VSSQ
G
Digital Ground
for
!/O and USB
N/A
16
24
VSSQ
G
35
56
VSSQ
G
-
-
VSSQ
G
45
72
VSSQ
G
55
87
VSSQ
G
25
40
VSSQ
G
66
105
VSSQ
G
75
121
VSSQ
G
11
17
VDD
V
V Source for
CPU.
1.65V - 2.0V
N/A
31
49
VDD
V
50
81
VDD
V
70
112
VDD
V
10
16
VSS
G
Digital Ground
for CPU
N/A
30
48
VSS
G
51
82
VSS
G
71
113
VSS
G
-
-
PLLVDDQ
V
V Source for PLL
2.7 to 3.6 V
N/A
-
-
PLLVSSQ
G
Digital Ground
for PLL
Pkg
Pin Name
Default Pin
Function
Default Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com