Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 47 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 43Page - STMicroelectronics STR91XF_07 Datasheet HTML 44Page - STMicroelectronics STR91XF_07 Datasheet HTML 45Page - STMicroelectronics STR91XF_07 Datasheet HTML 46Page - STMicroelectronics STR91XF_07 Datasheet HTML 47Page - STMicroelectronics STR91XF_07 Datasheet HTML 48Page - STMicroelectronics STR91XF_07 Datasheet HTML 49Page - STMicroelectronics STR91XF_07 Datasheet HTML 50Page - STMicroelectronics STR91XF_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
STR91xF
Electrical characteristics
47/73
6.2
Operating conditions
Table 5.
Operating conditions
Notes: 1 The VBATT pin should be connected to VDDQ if no battery is installed
6.3
LVD electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 6.
LVD Electrical Characteristics
Notes: 1 For VDDQ I/O voltage operating at 2.7 - 3.3V.
2 For VDDQ I/O voltage operating at 3.0 - 3.6V.
3 Selection of VDDQ operation range is made using configuration software from ST, or IDE from
3rd parties. The default condition is VDDQ=2.7V - 3.3V.
Symbol
Parameter
Test
Conditions
Value
Unit
Min
Max
VDD
Digital CPU supply voltage
1.65
2.0
V
VDDQ
Digital I/O supply voltage
2.7
3.6
V
VBATT
(1)
SRAM backup and RTC supply
voltage
2.5
3.6
V
AVDD
Analog ADC supply voltage
(128-pin package)
2.7
3.6
V
AVREF
Analog ADC reference voltage
(128-pin package)
1.0
3.6
V
AVREF_AVDD
Combined analog ADC
reference and ADC supply
voltage (80-pin package)
2.7
3.6
V
TA
Ambient temperature under bias
-40
+85
C
Symbol
Parameter
Test
Conditions
Value
Unit
Min
Typ
Max
VDD_LVD
VDD LVD Threshold
1.35
1.4
1.45
V
VDDQ_LVD
VDDQ LVD Threshold
(1)
2.35
2.4
2.45
V
(2)
2.65
2.7
2.75
VDD_BRN
VDD Brown Out Warning
Threshold
1.61.651.7
V
VDDQ_BRN
VDDQ Brown Out Warning
Threshold
(1)
2.6
2.65
2.7
V
(2)
2.9
2.95
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com