Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 23 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 23 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
23 / 42
Copyright © 2019, Injoinic Corp.
is used as serial port print port output.
FCAP is the drive pin in TXRX scheme, and the battery capacity is 10000mAH by default.
VSET(Battery full voltage selection)
IP5568 sets the battery type by outputting 20uA current on Vset pin and connecting different resistance to
GND, so as to change the threshold value of battery level display, the constant voltage to charge the battery and
the protection voltage. The resistance of Vset external to GND and the set battery type are shown in the table
below
VSET
pin
external
resistance to GND(ohm)
VSET PIN voltage
VSET voltage judgement range
Battery full voltage selection
115k
2.30v
>2.1v
4.20V
82k
1.64v
1.3v~2.1v
4.30V
51k
1.02v
0.6v~1.3v
4.35V
20k
0.40v
0~0.6v
4.40V
VSET pin is used to set the battery full voltage only when the LED mode is displayed; when the nixie tube is
applied, Vset is used as the driving pin of the nixie tube, and the default battery full voltage is 4.2V
NTC function
IP5568 integrates NTC function, which can detect battery temperature and wireless charging coil
temperature. IP5568 has two NTCs, NTC1detects battery temperature and NTC2 detects wireless
charging coil temperature. When IP5568 is working, NTC1and NTC2 pin output 20uA current, and
generate voltage through external NTC resistance. IC internal detects the voltage of NTC1 and NTC2
pin to determine the current battery temperature and wireless charging coil temperature.
R1=120K
ADC
RNTC1=100K
B=3950
NTC1
NTC2
R2=120K
RNTC2=100K
B=3950
NTC1_ADC
NTC2_ADC
20uA
20uA
Figure 9
NTC circuit
In the state of charge:
When NTC1 pin detects that the voltage is 1.96v, it represents low temperature of battery - 10 ℃; when
NTC1 voltage is higher than 1.96v, it stops charging; when NTC1 voltage is lower than 1.85v, it resumes charging.
When NTC1 pin detects that the voltage is 0.64v, it means the battery temperature is 45 degrees; when NTC1
voltage is lower than 0.64v, the charging current is reduced by half; when NTC1 voltage is higher than 0.7V, the
charging current is restored to normal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com