Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 16 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 16 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
16 / 42
Copyright © 2019, Injoinic Corp.
Charge and Discharge Path Management
Standby:
If VIN or VBUS is attached ,IP5568 will start the charging process directly.
If USB C UFP device is attached on VBUS or sink device is attached on VOUT port, IP5568 will start discharge
function automatically.
If key is pressed, the VOUT1、VOUT2 and USB C port will open only when load is detected on the according
port, or the output on these port will be closed.
Discharge:
In the case of no key action, only the output path of the output port plugged in the electrical equipment will
be opened; the output path of the output port not connected to the equipment will not be opened. When the
output current of the opened output port is less than about 80mA, it will automatically close after a period of
time.
Any port of Vout1, vout2 and USB C can support the output fast charging protocol. However, since this
application is a single inductance application, it can only support one voltage output, so it can only support the
fast charging output when only one output port is open. When two or three outlets are used at the same time,
the quick charge function will be automatically turned off.
According to the connection shown in the "typical application diagram", when any output port has entered
the fast charging output mode, when the other output port is plugged in with electrical equipment, all the output
ports will be closed first, the high-voltage fast charging function will be closed, and then the output ports with
equipment will be opened. In this case, all the output ports only support the charging of apple, Samsung and
bc1.2 modes. When the number of electrical equipment is reduced to only one, after 16 seconds, all output ports
will be closed first, the high-voltage fast charging function will be turned on, and then the output port of the last
electrical equipment will be turned on, so as to reactivate the equipment to request fast charging. When only one
output port is open and the total output current is less than about 80mA for about 32S, the output port and
discharge function will be closed and the standby mode will be entered.
When the wireless charging TX, VOUT1, VOUT2, and VBUS have any two outputs at the same time,
the boost output can only be 5v.
When the wireless charging TX, VOUT1, VOUT2, and VBUS have only one outputs, boost can
output the quick charging.
TX can only transmit 10w/15W power when VOUT1, VOUT2 and VBUS are shut down.
Charging:
Any port of VIN port and VBUS port can be charged by inserting the power supply. If both ports are
connected to the power supply for charging, the first inserted power supply will be used for charging.
In the single charging mode, the fast charging mode of the power supply will be automatically identified, and
the appropriate charging voltage and current will be automatically matched
When only VIN and TX work, and VIN can apply for 9V high voltage, the wireless charging TX can transmit
10w power. When VIN can apply 12V high voltage, the wireless charging TX can transmit 15w power.
When only VBUS and TX work, and VBUS can apply for 9V high voltage, the wireless charging TX can transmit
10w power. When VBUS can apply 12V high voltage, the wireless charging TX can transmit 15w power.
Charging and discharging at the Same Time:
When the charging power supply and the electrical equipment are plugged in at the same time, the charging
and discharging mode will be automatically entered. In this mode, the chip will automatically turn off the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com