Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 34 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 34 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
34 / 42
Copyright © 2019, Injoinic Corp.
Power bank+wireless charging TX/RX+LED application
IP5568
VSYS
NTC1
LED2
LED1
LED3
FCAP
HLED
KEY
AGND EPAD
LIGHTNING
VIN
CL
GND
D1
25%
D2
50%
D3
75%
D4
100%
2
1
3
12
58
29
14
64
CP6
22uF
VSYS
VSYS
VSYS
17
18
63
CP7
22uF
CP8
22uF
CP9
22uF
R6 100R
R4 120K
RNTC1 100K
DAT1
DAT2
R10 10K
R9 33K
NTC2
30
RNTC2 100K
R5 120K
R28 100R
R29 100R
CP2
10uF
CP1
10uF
Micro-B
VIN
GND
VIN
DMB
DPB
22
VIN
21
37
36
DMB
DPB
CL
CP4
10uF
TYPE-A
VOUT1
GND
VOUT1
DMA1
DPA1
61
VOUT1
62
40
39
DMA1
DPA1
CP5
10uF
TYPE-A
VOUT2
GND
VOUT2
DMA2
DPA2
59
VOUT2
60
42
41
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
CP3
10uF
VBUS
DMC
DPC
20
VBUS
19
35
34
CC1
CC2
32
33
VSYS
VSET
57
R7 115K
KEY_MODE
56
VCC
OTPMEMVVDD
28
C5
2.2uF
C4
2.2uF
CPP
CPN
26
C3
0.1uF
DAT1
GND
PMOS
DAT2
VDD
NC
DAT1
DAT2
R3
2.2K
R2
2.2K
R1
2.2K
25
27
31
VSET R7
(ohm)
Battery full voltage
selection
115K
4.20V
82K
4.30V
51K
4.35V
20K
4.40V
U1
USB1
USB2
USB3
USB4
USB5
K1
U2
C10
400nF/100V
W1
A11线圈
CBB谐振电容
Q1
RU30S15H
N1
RUH30D20H
C9
NC/2nF
R23
2R
R24
2R
DNGATE1
DNGATE2
ISENSE
IGND
UPGATE1
UPGATE2
VBRIGE
SW1
SW2
COIL_I
COIL_V
FOD_DET
V_DET
COIL_V
VCC
V_DECONDE
PGND
LED_R
LED_G
NC
NC
VOOC_ID
AUXDRV1
AUXDRV3
Wireless charging RX function
AUXDRV2
IGND
ISENSE
V_DECODE
V_DET
FOD_DET
UPGATE2
DNGATE2
UPGATE1
DNGATE1
11
13
15
16
38
51
50
49
44
45
46
47
48
52
53
54
55
R11 100R
R13
20K
D9
IN5819
D10
IN5819
R16
10K
C6
2.2nF
R15
100K
C7
15nF
R17
33K
C8
15nF
D11
IN5819
R14
3.3K
R19
NC/10K
R20
2R
R21
NC/10K
R22
2R
CP14
10uF
CP15
10uF
R25 0R
R26 0R
R27
20mR
D7
C11
1uF
D12 SS34
D13 SS34
TX
circuit
USB_B
USB_L
R41
20K
R40
20K
FCAP
USB_L
USB_B
D5
VBRIGE
AUXDRV1
VSYS
R28
10K
C11
NC
R32
0R
RU20P7C
RU20P7C
Q2
Q3
VBRIGE
AUXDRV2
VIN
R29
10K
C12
NC
R33
0R
RU20P7C
RU20P7C
Q4
Q5
COIL_I
VBRIGE
SW1
SW2
N2
2N7002
N3
2N7002
D14
SS34
D15
SS34
D16
SS34
D17
SS34
C13
33nF
C14
33nF
R35
1K
R30
10K
In the application of wireless charging TX / Rx, the default key
mode is: short press to turn on, double short press in 1s to turn
off, long press for 2s to switch between wireless charging and
Rx, no flashlight application.
FCAP
When Rx is working, insert usb-b or usb-c, the wireless RX charging function will be
automatically turned off, and the usb-b or usb-c will be automatically switched to charge the
system, and the wireless TX charging function will be turned on at the same time
VBRIGE
D18
10V稳压管
N4
2N7002
N5
2N7002
C15
470nF
C16
470nF
R42
10K
RX
circuit
If NTC is not
required in the
application,
51K
resistance shall be
connected to the
ground
at
NTC
pin, and floating
or
direct
grounding is not
allowed.
FCAP is the drive pin in
TXRX scheme, and the
battery capacity is
10000mAH by default
Apple decrypts IC
CP10
100uF
CPAE Capacitors
LX LX LX LX LX
L1
2.2uH
BAT
C1
0.1uF
CP11
22uF
BAT
CP12
22uF
CP13
22uF
BST
C2
0.1uF
BATS
23
D19
SS34
VBRIGE
LED_R
R31
10K
R36
5.1K
Q6
PMOS
BSS84
KEY_1
N6
2N7002
N7
2N7002
R43
1M
R12
100R
D8
R44
10K
AUXDRV3
VCC
Q7
PMOS BSS84
KEY_1
Figure 12 IP5568_RX_LED LED application circuit(power bank+wireless charging TX/RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com