Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 18 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 18 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
18 / 42
Copyright © 2019, Injoinic Corp.
Short press : pressed time in range of 60ms~2s
Long press :pressed time longer than 2s
No response on press time less than 30ms
Long 10s press will reset the whole system
KEY_MODE
IP5568 outputs 20uA current on the key mode pin, and different resistance is connected externally to get different
voltage. Different key definition, led and nixie tube display can be selected for IC internal detection of key mode
voltage. Pay attention to 1% precision resistance for external resistance.
KEY_MODE pin
external
resistance
Key_mode
ideal
voltage(v)
KEY_MODE
voltage
range
(v)
KEY function definition
LED or nixie tube
display
20K
0.4
0~0.6
Short press: turn on
Double short press in 1s: turn off
Long press:turn on or turn off the
lighting
LED
51K
1.02
0.6~1.3
Short press: turn on
Double short press in 1s: no
definition
Long press: turn on or turn off
the lighting
LED
82K
1.64
1.3~2.1
Short press: turn on
Double short press in 1s: turn on
or turn off the lighting
Long press:no definition
LED
115K
2.3
>2.1
Short press: turn on
Double short press in 1s: turn on
or turn off the lighting
Long press:turn off
LED
In the nixie tube application, key_mode
pin is used as the driving pin of the nixie tube, and there is no key
mode selection. The default key mode is: short press to turn on, two consecutive short press to shut down, and
long press for 2s to turn on and off the flashlight.
In the application of wireless charging TX / Rx, the default key mode is: short press to turn on, double short press
in 1s to turn off, long press for 2s to switch between wireless charging and Rx, no flashlight application.
Fast Charge state indication
HLED is used for indication for the present fast charge mode, either in fast charging or discharging mode,
when the system enters fast charge mode and in non-5V mode, the light LED will turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com