Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 38 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 38 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 40Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 41Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 42Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
38 / 42
Copyright © 2019, Injoinic Corp.
BOM list4
No.
Part Name
Type
Location
Num
Note
1
IC
QFN64
IP5568
U1
1
2
SMT capacitor
0603 100nF 10% 16V
C1
1
3
SMT capacitor
0603 100nF 10% 25V
C2 C3
2
4
SMT capacitor
0603 2.2uF 10% 16V
C4 C5
2
5
SMT capacitor
0805 22uF 10% 16V
CP11 CP12 CP13
3
6
SMT capacitor
0805 22uF 10% 25V
CP6 CP7 CP8 CP9
4
7
SMT capacitor
0805 10uF 10% 25V
CP1 CP2 CP3 CP4 CP5
5
8
CPAE Capacitors
100uF 25V 10%
CP10
1
10
SMT resistor
0603R 100R 1%
R28 R29 R37 R38 R39
5
11
SMT nixie tube
YF2252SR-5
SMG1
1
12
SMT Schottky
SS34
D12 D13 D19
3
13
Apple decrypts IC
U2
1
Apple
decrypts
IC
circuit BOM
14
SMT resistor
0603R 2.2K 1%
R1 R2 R3
3
15
SMT capacitor
0603 1uF 10% 25V
C11
1
16
SMT resistor
0603R 10K 1%
R10
1
17
SMT resistor
0603R 120K 1%
R4 R5
2
NTC circuit BOM
18
NTC THERMAL
RESISTOR
100K@25℃ B=3950
RNTC1 RNTC2
2
19
inductor
2.2uH 10*10
L1
1
20
key
SMT 3*6key
K1
1
21
output USB
AF10 8 USB
USB1 USB2
2
22
input usb
MICRO-7-DIP-5.9
USB5
1
24
USB C CONNECTOR
USB C CONNECTOR
USB3
1
25
LIGHTNING
CONNECTOR
apple
lightning
connector
USB4
1
26
SMT capacitor
0603 2.2nF 10% 50V
C6
1
Wireless charging
circuit BOM
27
SMT capacitor
0603 15nF 10% 50V
C7 C8
2
28
SMT capacitor
0603 NC/2nF 10% 50V
C9
1
29
SMT capacitor
0603 NC 10% 50V
C11 C12
2
30
SMT capacitor
0805 10uF 10% 25V
CP14 CP15
2
31
SMT capacitor
0603 33nF 1%
C13 C14
2
32
SMT capacitor
0603 470nF 1%
C15 C16
2
33
SMT resistor
0603R 1M 1%
R43
1
34
SMT resistor
0603R 100R 1%
R11 R12
2
35
SMT resistor
0603R 20K 1%
R13
1
36
SMT resistor
0603R 3.3K 1%
R14
1
37
SMT resistor
0603R 100K 1%
R15
1
38
SMT resistor
0603R 10K 1%
R16 R28 R29 R30 R31 R42
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com