Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 36 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 36 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 40Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
36 / 42
Copyright © 2019, Injoinic Corp.
38
SMT resistor
0603R 100K 1%
R15
1
39
SMT resistor
0603R 10K 1%
R16 R28 R29 R30 R31 R42
R44
7
40
SMT resistor
0603R 20K 1%
R40 R41
2
41
SMT resistor
0603R NC/10K 1%
R19 R21
2
43
SMT resistor
0603R 33K 1%
R9 R17
2
44
SMT resistor
0603R 0R 1%
R25 R26 R32 R33
4
45
SMT resistor
0603R 2R 1%
R20 R22 R23 R24
4
46
SMT resistor
1206R 20mR 1%
R27
1
47
SMT resistor
0603R 5.1K 1%
R36
1
48
SMT resistor
0603R 1K 1%
R35
1
49
SMT LED
0603 red led
D7
1
50
SMT LED
0603
green led
D8
1
51
SMT diode
SOD-123 IN5819
D9 D10 D11
3
52
SMT DUAL-PMOS
SOP-8 RU30S15H
Q1
1
53
SMT DUAL-NMOS
SOP-8 RUH30D20H
N1
1
54
SMT PMOS
SOT-23 RU20P7C
Q2 Q3 Q4 Q5 Q6
5
55
SMT PMOS
SOT-23 BSS84
Q7
1
56
SMT NMOS
SOT-23 2N7002
N2 N3 N4 N5 N6 N7
6
57
SMT diode
SS34
D14 D15 D16 D17
4
58
SMT diode
SOD-123 15V
D18
1
59
CBB resonant
capacitor
400nF 100V
C10
1
60
Coil
A11
W1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com