Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 47 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 47 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 43Page - ESS Technology,Inc ES9033 Datasheet HTML 44Page - ESS Technology,Inc ES9033 Datasheet HTML 45Page - ESS Technology,Inc ES9033 Datasheet HTML 46Page - ESS Technology,Inc ES9033 Datasheet HTML 47Page - ESS Technology,Inc ES9033 Datasheet HTML 48Page - ESS Technology,Inc ES9033 Datasheet HTML 49Page - ESS Technology,Inc ES9033 Datasheet HTML 50Page - ESS Technology,Inc ES9033 Datasheet HTML 51Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
47
Register 1: SYS MODE CONFIG
Bits
[7:3]
[2]
[1]
[0]
Default
5’b00001
1’b0
1’b0
1’b1
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2]
ENABLE_DOP_DECODE
Enables DoP decoding.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[1]
ENABLE_DSD_DECODE
Enables DSD decoding.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[0]
ENABLE_TDM_DECODE
Enables TDM decoding.
•
1’b0: Disabled
•
1’b1: Enabled (default)
Register 2: DAC CLOCK CONFIG
Bits
[7]
[6]
[5:0]
Default
1’b0
1’b0
6’d7
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
SELECT_IDAC_HALF
Specifies whether to half CLK_IDAC divider.
•
1’b0: Divide by SELECT_IDAC_NUM + 1 (default)
•
1’b1: Divide by half of SELECT_IDAC_NUM + 1
Note: Can only produce half of an odd number divide
[5:0]
SELECT_IDAC_NUM
CLK_IDAC divider. Whole number divide value + 1 for
CLK_IDAC (SYS_CLK/divide_value).
•
6’d0: Whole number divide value + 1 = 1
•
6’d1: Whole number divide value + 1 = 2
•
6’d63: Whole number divide value + 1 = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com