Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 79 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 79 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 75Page - ESS Technology,Inc ES9033 Datasheet HTML 76Page - ESS Technology,Inc ES9033 Datasheet HTML 77Page - ESS Technology,Inc ES9033 Datasheet HTML 78Page - ESS Technology,Inc ES9033 Datasheet HTML 79Page - ESS Technology,Inc ES9033 Datasheet HTML 80Page - ESS Technology,Inc ES9033 Datasheet HTML 81Page - ESS Technology,Inc ES9033 Datasheet HTML 82Page - ESS Technology,Inc ES9033 Datasheet HTML 83Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
79
Register 82: DRE DECAY RATE
Bits
[7]
[6]
[5]
[4:0]
Default
1’b1
1’b0
1’b1
5’d15
Bits
Mnemonic
Description
[7]
DRE_FORCE_LEVEL
Force CH1 + CH2 into DRE mode even if zero cross has not
occurred.
•
1’b0: Disabled
•
1’b1: CH1 + CH2 forced into DRE mode
[6]
RESERVED
NA
[5]
MIN_PEAK
DRE peak detector starting point control.
•
1’b0: DRE peak detector starts from max
•
1’b1: DRE peak detector starts from min (default)
[4:0]
DRE_DECAY_RATE
Sets the speed at which the stored value of the DRE peak
detector will decay when the input signal is below the stored
value.
•
5’d31 = slowest decay
•
5’d0 = instant decay
Register 84-83: DC OFFSET CH1
Bits
[15:0]
Default
16’d0
Bits
Mnemonic
Description
[15:0]
DC_OFFSET1
DC offset for ch1
������������������������������������������ =
������������_������������������������������������1
224 − 1
∗ ������������������������
Register 86-85: DC OFFSET CH2
Bits
[15:0]
Default
16’d0
Bits
Mnemonic
Description
[15:0]
DC_OFFSET2
DC offset for ch2
������������������������������������������ =
������������_������������������������������������2
224 − 1
∗ ������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com