Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 4Page - ESS Technology,Inc ES9033 Datasheet HTML 5Page - ESS Technology,Inc ES9033 Datasheet HTML 6Page - ESS Technology,Inc ES9033 Datasheet HTML 7Page - ESS Technology,Inc ES9033 Datasheet HTML 8Page - ESS Technology,Inc ES9033 Datasheet HTML 9Page - ESS Technology,Inc ES9033 Datasheet HTML 10Page - ESS Technology,Inc ES9033 Datasheet HTML 11Page - ESS Technology,Inc ES9033 Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
8
28 QFN Pin Descriptions
Pin
Name
Pin Type
Reset
State
Pin Description
1
AVDD
Power
Power
3.3V I/O supply
2
CHIP_EN
I/O
HiZ
Active-high chip enable.
3
MODE
I/O
HiZ
Control for SPI/I2C/HW modes
4
VCCA
Power
Power
Analog Supply
5
DGND
Ground
Ground
Digital ground
6
OUT1
AO
Ground
Output channel 1
7
GND_SNS
AI
Ground
Line driver load ground voltage sense
8
OUT2
AO
Ground
Output channel 2
9
AVCC_3V3
Power
Power
Analog Regulator 3.3V Supply
10
AVCC
Power
Power
Analog Regulator Output, internally supplied
11
AGND
Ground
Ground
Analog ground
12
BG_VREF
AO
Ground
Bandgap Voltage reference
13
AGND_CP
Ground
Ground
Analog Ground for charge pump
14
PNEG
Power
Ground
Integrated charge pump output. Line driver negative supply.
15
C2
-
-
Line driver negative flying capacitor
16
C1
-
-
Line driver positive flying capacitor
17
AVCC_CP
Power
Power
Analog Supply for charge Pump
18
RT1
I
HiZ
Reserved. Must be connected to DGND for normal operation.
19
SS/ADDR1/HW2
I/O
HiZ
Interface Signal (SPI/I2C/Hardware modes)
20
MISO/ADDR0/MUTE_CTRL I/O
HiZ
Interface Signal (SPI/I2C/Hardware modes)
21
SCLK/SCL/HW1
I/O
HiZ
Interface Signal (SPI/I2C/Hardware modes)
22
MOSI/SDA/HW0
I/O
HiZ
Interface Signal (SPI/I2C/Hardware modes)
23
DATA2
I/O
HiZ
Serial DATA2
24
DATA1
I/O
HiZ
Serial DATA1
25
DATA_CLK
I
HiZ
Serial data clock
26
MCLK/GPIO
I/O
HiZ
MCLK input, General I/O
27
DGND
Ground
Ground
Digital core ground
28
DVDD
Power
Power
Digital core supply, internally supplied
29
Package PAD1
-
-
Not electrically connected, used for heat dissipation
Table 1 - 28 QFN pin descriptions
1
Pin 29 is the package pad. See 28 QFN package dimensions for sizing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com