Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 81 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 81 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 77Page - ESS Technology,Inc ES9033 Datasheet HTML 78Page - ESS Technology,Inc ES9033 Datasheet HTML 79Page - ESS Technology,Inc ES9033 Datasheet HTML 80Page - ESS Technology,Inc ES9033 Datasheet HTML 81Page - ESS Technology,Inc ES9033 Datasheet HTML 82Page - ESS Technology,Inc ES9033 Datasheet HTML 83Page - ESS Technology,Inc ES9033 Datasheet HTML 84Page - ESS Technology,Inc ES9033 Datasheet HTML 85Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
81
PLL Registers
Note: some registers have an implied value that is recommended for normal and optimized operation.
Register 192: RESET & PLL REGISTER1
Bits
[7]
[6]
[5:3]
[2]
[1]
[0]
Default
1’b0
1’b0
3’d0
1’b0
1’b0
1’b1
Bits
Mnemonic
Description
[7]
AO_SOFT_RESET
Performs soft reset to Slave Registers.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[6]
PLL_SOFT_RESET
Performs soft reset to Synchronous Slave Registers.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[5:3]
PLL_VCO_I
Set Current in PLL VCO
•
Must set to 3’b110, for normal operation
[2]
RESERVED
NA
[1]
GPIO1_SDB_SYNC
Configures GPIO1 SDB (Shutdown_b). When SYS_CLK is
provided through GPIO1, set this bit to ‘1’ to allow SYS_CLK
input.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[0]
PLL_CLKHV_PHASE
Digital/analog DAC clock phase control.
•
1’b0: Digital/analog DAC clocks have inverted phase
•
1’b1: Digital/analog DAC clocks have the same phase
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com