Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 65 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 65 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 61Page - ESS Technology,Inc ES9033 Datasheet HTML 62Page - ESS Technology,Inc ES9033 Datasheet HTML 63Page - ESS Technology,Inc ES9033 Datasheet HTML 64Page - ESS Technology,Inc ES9033 Datasheet HTML 65Page - ESS Technology,Inc ES9033 Datasheet HTML 66Page - ESS Technology,Inc ES9033 Datasheet HTML 67Page - ESS Technology,Inc ES9033 Datasheet HTML 68Page - ESS Technology,Inc ES9033 Datasheet HTML 69Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
65
Register 40: TDM CONFIG3
Bits
[7]
[6:5]
[4:0]
Default
1’d0
2’d0
5’d0
Bits
Mnemonic
Description
[7]
PDM_NEG_FIRST
PDM data edge polarity control.
•
2’b0: PDM data ch1/2 are on positive/negative edges
of PDM clock (default)
•
2’b1: PDM data ch1/2 are on negative/positive edges
of PDM clock
[6:5]
TDM_BIT_WIDTH
Bit width of each TDM slot.
•
2’b00: 32-bit (default)
•
2’b01: 24-bit
•
2’b10: 16-bit
•
2’b11: Reserved
[4:0]
TDM_DATA_LATCH_ADJ
Sets the position of the start bit within each TDM slot Can be
moved +ve or -ve relative to MSB.
•
5’d00: Default
•
5’d16: Start bit shifted 16 bits towards LSB
•
5’d31: Start bit shifted 16 bits towards MSB
Register 41: RESERVED
Register 42: TDM SLOT CONFIG
Bits
[7:4]
[3:0]
Default
4’d1
4’d0
Bits
Mnemonic
Description
[7:4]
TDM_CH2_SLOT_SEL
CH2 data slot selection. CH2 receives data from Mth slot. M =
TDM_CH2_SLOT_SEL + 1.
•
4’d00: Minimum (M=1)
•
4’d15: Maximum (M=16)
[3:0]
TDM_CH1_SLOT_SEL
CH1 data slot selection. CH1 receives data from Mth slot. M =
TDM_CH1_SLOT_SEL + 1.
•
4’d00: Minimum (M=1)
•
4’d15: Maximum (M=16)
Register 43: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com