Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033 Datasheet(PDF) 58 Page - ESS Technology,Inc

Part # ES9033
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033 Datasheet(HTML) 58 Page - ESS Technology,Inc

Back Button ES9033 Datasheet HTML 54Page - ESS Technology,Inc ES9033 Datasheet HTML 55Page - ESS Technology,Inc ES9033 Datasheet HTML 56Page - ESS Technology,Inc ES9033 Datasheet HTML 57Page - ESS Technology,Inc ES9033 Datasheet HTML 58Page - ESS Technology,Inc ES9033 Datasheet HTML 59Page - ESS Technology,Inc ES9033 Datasheet HTML 60Page - ESS Technology,Inc ES9033 Datasheet HTML 61Page - ESS Technology,Inc ES9033 Datasheet HTML 62Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
58
Register 26: GPIO INPUT ENABLE
Bits
[7:3]
[1]
[0]
Default
5’d0
1’b0
1’b0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[1]
GPIO_AMP_MODE
When any GPIO_CFG is set to 6 (input system mode control):
•
1’b0: Power down when GPIO input is 1 (default)
•
1’b1: HIFI when GPIO input is 1 (when GPIO input is
0, system mode is determined by register
AMP_MODE (register 0, bit[1]))
[0]
GPIO_SEL
When GPIOx_CFG is set to 12, 13 or 14, and the
corresponding GPIO_AND and GPIO_OR are not set:
•
1’d0: Outputs status/flag from ch1
•
1’d1: Outputs status/flag from ch2
Register 27: PWM1 COUNT
Bits
[7:0]
Default
8’d0
Bits
Mnemonic
Description
[7:0]
PWM1_COUNT
8-bit value to set the number of SYS_CLK periods the PWM
signal is high for.
Valid from 8’d0 to 8’d255
•
8’d0: minimum
•
8’d255: maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com