Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 24Page - ESS Technology,Inc ES9820 Datasheet HTML 25Page - ESS Technology,Inc ES9820 Datasheet HTML 26Page - ESS Technology,Inc ES9820 Datasheet HTML 27Page - ESS Technology,Inc ES9820 Datasheet HTML 28Page - ESS Technology,Inc ES9820 Datasheet HTML 29Page - ESS Technology,Inc ES9820 Datasheet HTML 30Page - ESS Technology,Inc ES9820 Datasheet HTML 31Page - ESS Technology,Inc ES9820 Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
28
TDM Slave Clock Rate Configurations
All configurations are 32-bit.
When using left justified mode (Register 10) remember to enable Reg 33 – sync positive edge of frame to correct for phase differences.
MCLK
Frequency
WS
[kHz]
BCK
[MHz]
TDM
Mode
Chan-
nels
Register 2
[4:0]
SELECT_ADC
_NUM
value
divider
22.579
MHz
44.1
5.645
TDM
128
4
5’d3
4
88.2
11.290
4
5’d1
2
176.4 22.579
4
5’d0
1
44.1
11.290
TDM
256
8
5’d3
4
88.2
22.579
8
5’d1
2
44.1
22.579
TDM
512
16
5’d3
4
24.576
MHz
48
6.144
TDM
128
4
5’d3
4
96
12.288
4
5’d1
2
192
24.576
4
5’d0
1
48
12.288
TDM
256
8
5’d3
4
96
24.576
8
5’d1
2
48
24.576
TDM
512
16
5’d3
4
45.158
MHz
44.1
5.645
TDM
128
4
5’d7
8
88.2
11.290
4
5’d3
4
176.4 22.579
4
5’d1
2
44.1
11.290
TDM
256
8
5’d7
8
88.2
22.579
8
5’d3
4
44.1
22.579
TDM
512
16
5’d7
8
49.152
MHz
48
6.144
TDM
128
4
5’d7
8
96
12.288
4
5’d3
4
192
24.576
4
5’d1
2
48
12.288
TDM
256
8
5’d7
8
96
24.576
8
5’d3
4
48
24.576
TDM
512
16
5’d7
8
Table 9 - TDM Slave Clock Rate Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com