Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 90 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 90 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 86Page - ESS Technology,Inc ES9820 Datasheet HTML 87Page - ESS Technology,Inc ES9820 Datasheet HTML 88Page - ESS Technology,Inc ES9820 Datasheet HTML 89Page - ESS Technology,Inc ES9820 Datasheet HTML 90Page - ESS Technology,Inc ES9820 Datasheet HTML 91Page - ESS Technology,Inc ES9820 Datasheet HTML 92Page - ESS Technology,Inc ES9820 Datasheet HTML 93Page - ESS Technology,Inc ES9820 Datasheet HTML 94Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
90
Register 127-126: ADC CH2 VOLUME
Bits
[15:0]
Default
16'h7FFF
Bits
Mnemonic
Description
[15:0]
ADC2_VOLUME
Next desired ADC volume coefficient. Signed. Shift right 1 bit
corresponds to -6dB.
Valid from 16'h7FFF (0dB) (default) to 16'h0001 (-84dB).
16'd0 corresponds to mute.
Register 128: ADC CH2 VOLUME RATE
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
ADC2_VOLUME_RATE
Value by which the old coefficient value is
incremented/decremented to reach the new coefficient. Valid
from 8'd0 (instant) to 8'd255 (fastest), where 8'd1 is the
slowest ramp_rate.
Register 129: ADC CH2 SCALE AND IIR BANDWIDTH
Bits
[7:2]
[1:0]
Default
6'd8
2'd0
Bits
Mnemonic
Description
[7:2]
RESERVED
NA
[1:0]
ADC2_DATA_SCALE
ADC data scale.
•
2'd0: 0dB
•
2'd1: 6dB
•
2'd2: 12dB
•
2'd3: 18dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com