Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 42 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 42 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 38Page - ESS Technology,Inc ES9820 Datasheet HTML 39Page - ESS Technology,Inc ES9820 Datasheet HTML 40Page - ESS Technology,Inc ES9820 Datasheet HTML 41Page - ESS Technology,Inc ES9820 Datasheet HTML 42Page - ESS Technology,Inc ES9820 Datasheet HTML 43Page - ESS Technology,Inc ES9820 Datasheet HTML 44Page - ESS Technology,Inc ES9820 Datasheet HTML 45Page - ESS Technology,Inc ES9820 Datasheet HTML 46Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
42
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x0
0
SYS CONFIG
SOFT_RESET
OUTPUT_SEL
RESERVED
ENABLE_2X
_MODE
RESERVED
MONO_MODE
RESERVED
0x1
1
ADC CLOCK CONFIG1
RESERVED
ENABLE_DATA_
IN_CH2
ENABLE_DA
TA_IN_CH1
RESERVED
ENABLE_ADC_CH2
ENABLE_ADC_CH1
0x2
2
ADC CLOCK CONFIG2
RESERVED
SELECT_ADC_H
ALF
SELECT_ADC_NUM
0x3
3
ADC CLOCK CONFIG3
OUTPUT2_SEL
FORCE_OUTPU
T2
INVERT_FIR
ST_CLK_SA
MPLE2
SELECT_IA
DC_HALF
SELECT_IADC_NUM
0x4
4
ADC CLOCK CONFIG4
FORCE_PHAS
E_CLK_IADC
PHASE_CLK_IADC
RESERVED
INVERT_SAMPLE_C
LOCK_CH2
INVERT_SAMPLE_CLOCK_CH1
0x5
5
SPDIF CONFIG
RESERVED
ENABLE_SPDIF_C
LK
RESERVED
0x6
6
DSD CONFIG
RESERVED
DSD_DDR
DSD_MAST
ER_MODE
RESERVED
ENABLE_DSD_CLK_
CH2
ENABLE_DSD_CLK_CH1
0x7
7
DSD AND I2S/TDM MASTER
CLK CONFIG
MASTER_WS_SCALE
DSD_CLK_D
IV2
SELECT_DSD_NUM
0x8
8
I2S/TDM MASTER MODE
CONFIG
MASTER_BCK_
DIV1
MASTER_W
S_IDLE
MASTER_FRAME_LENGTH
MASTER_W
S_PULSE_M
ODE
MASTER_BCK_IN
VERT
MASTER_WS_INVE
RT
MASTER_MODE_ENABLE
0x9
9
I2S/TDM MASTER CLK
CONFIG
SELECT_I2S_T
DM_HALF
SELECT_I2S_TDM_NUM
0xA
10
TDM CONFIG1
TDM_BIT_DELAY
TDM_VALID_EDG
E
TDM_LJ
ENABLE_TDM_CLK
0xB
11
TDM CONFIG2
TDM_GPIO456
TDM_CASC
ADE
TDM_LENGTH
TDM_CH_NUM
0xC
12
TDM SLOT CONFIG CH1
RESERVED
TDM_LINE_SEL_CH1
TDM_SLOT_SEL_CH1
0xD
13
TDM SLOT CONFIG CH2
RESERVED
TDM_LINE_SEL_CH2
TDM_SLOT_SEL_CH2
0xE-
0x11
14-17
RESERVED
RESERVED
0x12
18
PCM DATA OUTPUT
MAPPING
RESERVED
OUTPUT_MAPPING_CH2
OUTPUT_MAPPING_CH1
0x13
19
DSD DATA OUTPUT
MAPPING
RESERVED
DSD_MAPPING_CH2
DSD_MAPPING_CH1
0x14
20
TPDF DITHER LEVEL
RESERVED
DITHER_SCALE
0x15
21
DITHER MASK
DITHER_MASK
0x16
22
DITHER MASK
DITHER_MASK
0x17
23
FS GEN PHASE CONTROL
DSD_SYNC_T
O_1FS
FS_PHASE
0x18-
0x1A
24-26
RESERVED
RESERVED
0x1B
27
INTERRUPT
RESERVED
INTERRUPT_CL
EAR_CH2_CLIP
_DETECTION
INTERRUPT
_CLEAR_CH
1_CLIP_DET
ECTION
RESERVED
INTERRUPT_MASK_
CH2_CLIP_DETECTI
ON
INTERRUPT_MASK_CH1_CLIP_
DETECTION
0x1F-
0x20
32-28
SPDIF CONFIG
SPDIF_CS
0x21
33
DSD DITHER SCALE AND
SYNC CONTROL
SYNC_POSED
GE_FRAME
DISABLE_S
YNC_REF
FORCE_FIR_SY
NC
DSD_DITHER_SCALE
0x22
34
SYNC CONTROL
AUTO_ADC_CL
KDIV_SYNC
AUTO_CLK_
IADC_PHAS
E_SYNC
AUTO_DSD_PH
ASE_SYNC
AUTO_WS_
PHASE_SYN
C
AUTO_ICG_
EN_SYNC
AUTO_ICG_SYNC
AUTO_FIR_SYNC
AUTO_FS_SYNC
0x23
35
ASP1 CONFIG
RESERVED
SELECT_ASP1_NUM
ENABLE_ASP1_CLK
0x24
36
ASP2 CONFIG
RESERVED
SELECT_ASP2_NUM
ENABLE_ASP2_CLK
0x25
37
ASP ENABLE AND
PROGRAMMING CONTROL
ASP2_COEFF_
WE
ASP1_COEF
F_WE
ASP2_PROGRA
M_WE
ASP1_PRO
GRAM_WE
ASP2_PRO
GRAM_EN
ASP1_PROGRAM
_EN
ENABLE_ASP2
ENABLE_ASP1
0x26
38
ASP PROGRAM ADDR
ASP_PROGRAM_ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com