Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 36Page - ESS Technology,Inc ES9820 Datasheet HTML 37Page - ESS Technology,Inc ES9820 Datasheet HTML 38Page - ESS Technology,Inc ES9820 Datasheet HTML 39Page - ESS Technology,Inc ES9820 Datasheet HTML 40Page - ESS Technology,Inc ES9820 Datasheet HTML 41Page - ESS Technology,Inc ES9820 Datasheet HTML 42Page - ESS Technology,Inc ES9820 Datasheet HTML 43Page - ESS Technology,Inc ES9820 Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
40
I2C Slave/Synchronous Slave Interface Timing
Start
Start
Start
Stop
Figure 6 - I2C Timing Diagram
Parameter
Symbol
CLK
Constraint
Standard-Mode
Fast-Mode
Unit
MIN
MAX
MIN
MAX
SCL Clock Frequency
fSCL
< CLK/20
0
100
0
400
kHz
START condition hold time
tHD;STA
4.0
-
0.6
-
s
LOW period of SCL
tLOW
>10/CLK
4.7
-
1.3
-
s
HIGH period of SCL (>10/CLK)
tHIGH
>10/CLK
4.0
-
0.6
-
s
START condition setup time (repeat)
tSU;STA
4.7
-
0.6
-
s
SDA hold time from SCL falling
-
All except NACK read
-
NACK read only
tHD;DAT
0
2/CLK
-
0
2/CLK
-
s
s
SDA setup time from SCL rising
tSU;DAT
250
-
100
-
ns
Rise time of SDA and SCL
tr
-
1000
300
ns
Fall time of SDA and SCL
tf
-
300
300
ns
STOP condition setup time
tSU;STO
4
-
0.6
-
s
Bus free time between transmissions
tBUF
4.7
-
1.3
-
s
Capacitive load for each bus line
Cb
-
400
-
400
pF
Table 24 - I2C Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com