Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 8Page - ESS Technology,Inc ES9820 Datasheet HTML 9Page - ESS Technology,Inc ES9820 Datasheet HTML 10Page - ESS Technology,Inc ES9820 Datasheet HTML 11Page - ESS Technology,Inc ES9820 Datasheet HTML 12Page - ESS Technology,Inc ES9820 Datasheet HTML 13Page - ESS Technology,Inc ES9820 Datasheet HTML 14Page - ESS Technology,Inc ES9820 Datasheet HTML 15Page - ESS Technology,Inc ES9820 Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
12
GPIO
gpio#_config
function
I/O Direction
0
analog shutdown
Shutdown (default)
1
Aux Inputs
Inputs
2
Aux Outputs
Output
3
Reserved
-
4
Interrupt Ch1 clip
Output
5
Interrupt Ch2 clip
Output
6
Reserved
-
7
Reserved
-
8
SPDIF data output
Output
9
PWM1
Output
10
PWM2
Output
11
PWM3
Output
12
CLK IADC
Output
13
CLK ADC
Output
14
1’b0
Output
15
1’b1
Output
Table 2 – Standard GPIO Functions
For configuring pins as inputs, outputs, or Input/Outputs:
•
Input pin
o
GPIOxx_IE = 1’b1 (Input Enable), Registers 87-86
o
GPIOxx_OE = 1b’0 (Input Enable), Registers 89-88
•
Output pin
o
GPIOxx_IE = 1’b0
o
GPIOxx_OE = 1’b1
•
In/Out pin (Master Mode)
o
GPIOxx_IE = 1’b1
o
GPIOxx_OE = 1’b1
In Master mode GPIO1 & GPIO 2 should be configured as In/Out pins
Data pins may be re-mapped to other GPIO via the System Registers. When utilizing GPIO pins 4-6, it is important to enable the TDM_GPIO456 bit.
GPIO 4-6 TDM Enable Register
•
Register 11 [7]: TDM_GPIO456
TDM GPIO Re-mapping Registers
•
Register 12 [6:5]: TDM_LINE_SEL_CH1
•
Register 13 [6:5]: TDM_LINE_SEL_CH2
GPIO Configuration Registers
•
Register 74: GPIO1/2 CONFIG
•
Register 75: GPIO3/4 CONFIG
•
Register 76: GPIO5/6 CONFIG
•
Register 77: GPIO7/8 CONFIG
•
Register 78: GPIO9/10 CONFIG
•
Registers 80-91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com