Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820 Datasheet(PDF) 46 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 46 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 42Page - ESS Technology,Inc ES9820 Datasheet HTML 43Page - ESS Technology,Inc ES9820 Datasheet HTML 44Page - ESS Technology,Inc ES9820 Datasheet HTML 45Page - ESS Technology,Inc ES9820 Datasheet HTML 46Page - ESS Technology,Inc ES9820 Datasheet HTML 47Page - ESS Technology,Inc ES9820 Datasheet HTML 48Page - ESS Technology,Inc ES9820 Datasheet HTML 49Page - ESS Technology,Inc ES9820 Datasheet HTML 50Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
46
Register Listing
Some RESERVED registers do not default to 0x00 and should not be modified for normal operation. If the value of the reserved registers is changed
from the default state, it will be noted.
System Registers
Register 0: SYS CONFIG
Bits
[7]
[6:5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
2'b00
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to digial
•
1'b0: Normal operation
•
1'b1: Reset digital
[6:5]
OUTPUT_SEL
Selects output data format.
•
2'd0: I2S output (default)
•
2'd1: SPDIF output
•
2'd2: TDM output
•
2'd3: DSD output
[4]
RESERVED
NA
[3]
ENABLE_2X_MODE
Enables 2x mode for 768k sample rate.
•
1'b0: 2x mode disabled (default)
•
1'b1: 2x mode enabled
[2]
RESERVED
NA
[1]
MONO_MODE
Enables mono mode. Both channels data are mixed into Ch1.
For Ch1, mono mode has higher priority than two channel
mode.
•
1'b0: Mono mode disabled (default)
•
1'b1: Mono mode enabled
[0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com