Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 17Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 18Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 19Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 20Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 21Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 22Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 23Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 24Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
21
GPIO Audio Data Configurations
The following table shows the configurations possible using GPIO#_config Aux Inputs, Aux Outputs, and RAW data outputs
on the ES9842 PRO.
In certain modes, the data output pins may be re-mapped to GPIO pins 4-6. These scenarios are labeled “[optional]” in the
table below. The channel order may also be changed in these modes. Although it is not denoted in the table, the data output
in Slave Mode may also be re-mapped to the same pins.
GPIO #
1 (AUX Inputs)
(Slave mode)
2 (AUX Outputs) (Master mode)
3 (Raw Data
Output)
GPIO1
I2S/TDM in BCK,
DSD in clock
I2S master
BCK
TDM master
BCK
DSD master
clock out
PDM
clock
Raw Data Clock
output
GPIO2
I2S/TDM in WS
I2S master
WS
TDM master WS
-
-
Raw Data[0] out
GPIO3
-
I2S out DATA
[optional]6
(default)
TDM out DATA
[optional]6
(default)
DSD out
DATA7
PDM out
DATA
Raw Data[1] out
GPIO4
TDM cascade data
input
Cascade mode for
multiple devices
I2S out DATA
[optional]6
TDM out DATA
[optional]6
DSD out
DATA7
PDM out
DATA
Raw Data[2] out
GPIO5
I2S decoder data
input
I2S out
DATA
[optional]6
TDM out DATA
[optional]6
DSD out
DATA7
-
Raw Data[3] out
GPIO6
-
I2S out
DATA
[optional]6
TDM out DATA
[optional]6
DSD out
DATA7
-
Raw Data[4] out
GPIO7
-
-
-
-
-
Raw Data[5] out
GPIO8
-
-
-
-
-
Raw Data[6] out
GPIO9
-
INTERRUPT (Triggered by any of the 4 channels)
INTERRUPT
GPIO10
-
-
-
-
-
-
GPIO11
-
-
-
-
-
-
Table 3 - GPIO Audio Data Configurations
6
Using the TDM GPIO Re-mapping Registers, the data may be configured to output GPIO pins 4-6. In order to do this,
Register 11[7]: TDM_GPIO456 must also be enabled.
7
The DSD channel order can be changed via Register 19: DSD_DATA_OUTPUT_MAPPING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com