Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 60 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 60 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 56Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 57Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 58Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 59Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 60Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 61Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 62Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 63Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 64Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
60
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register Map
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x00
0
SYS CONFIG
SOFT_RESET
OUTPUT_SEL
RESERVED
ENABLE_64FS_
MODE
TWO_CH_
MODE
MONO_MODE
RESERVED
0x01
1
ADC CLOCK CONFIG1
ENABLE_
DATA_IN_CH4
ENABLE_
DATA_IN_CH3
ENABLE_
DATA_IN_CH2
ENABLE_
DATA_IN_CH1
ENABLE_
ADC_CH4
ENABLE_
ADC_CH3
ENABLE_
ADC_CH2
ENABLE_
ADC_CH1
0x02
2
ADC CLOCK CONFIG2
RESERVED
SELECT_
ADC_HALF
SELECT_ADC_NUM
0x03
3
ADC CLOCK CONFIG3
OUTPUT2_SEL
FORCE_
OUTPUT2
INVERT_
FIRST_CLK_
SAMPLE2
SELECT_
IADC_HALF
SELECT_IADC_NUM
0x04
4
ADC CLOCK CONFIG4
FORCE_PHASE
_CLK_IADC
PHASE_CLK_IADC
INVERT_
SAMPLE_
CLOCK_CH4
INVERT_
SAMPLE_
CLOCK_CH3
INVERT_
SAMPLE_
CLOCK_CH2
INVERT_
SAMPLE_
CLOCK_CH1
0x05
5
RAW DATA AND SPDIF CONFIG
SELECT_RAW_DATA_NUM
RAW_DATA_
CLK_DIV2
RAW_DATA_
DDR
ENABLE_RAW_
DATA_CLK
ENABLE_
SPDIF_CLK
RESERVED
0x06
6
DSD CONFIG
RESERVED
DSD_DDR
DSD_MASTER_
MODE
ENABLE_DSD_
CLK_CH4
ENABLE_DSD_
CLK_CH3
ENABLE_DSD_
CLK_CH2
ENABLE_DSD_
CLK_CH1
0x07
7
DSD AND I2S/TDM MASTER CLK
CONFIG
MASTER_WS_SCALE
DSD_CLK_DIV2
SELECT_DSD_NUM
0x08
8
I2S/TDM MASTER MODE CONFIG
MASTER_
BCK_DIV1
MASTER_
WS_IDLE
MASTER_FRAME_LENGTH
MASTER_WS_
PULSE_MODE
MASTER_
BCK_INVERT
MASTER_
WS_INVERT
MASTER_
MODE_ENABLE
0x09
9
I2S/TDM MASTER CLK CONFIG
SELECT_I2S_T
DM_HALF
SELECT_I2S_TDM_NUM
0x0A
10
TDM CONFIG1
TDM_BIT_DELAY
TDM_
VALID_EDGE
TDM_LJ
ENABLE_
TDM_CLK
0x0B
11
TDM CONFIG2
TDM_GPIO456
TDM_CASCADE
TDM_LENGTH
TDM_CH_NUM
0x0C
12
TDM SLOT CONFIG CH1
RESERVED
TDM_LINE_SEL_CH1
TDM_SLOT_SEL_CH1
0x0D
13
TDM SLOT CONFIG CH2
RESERVED
TDM_LINE_SEL_CH2
TDM_SLOT_SEL_CH2
0x0E
14
TDM SLOT CONFIG CH3
RESERVED
TDM_LINE_SEL_CH3
TDM_SLOT_SEL_CH3
0x0F
15
TDM SLOT CONFIG CH4
RESERVED
TDM_LINE_SEL_CH4
TDM_SLOT_SEL_CH4
0x10
16
RAW DATA OUTPUT CONFIG
RESERVED
RAW_DATA_
MIX_DIV2_
CH2_4
RAW_DATA_
MIX_DIV2_
CH1_3
ENABLE_
RAW_DATA_
MIX_CH2_4
ENABLE_
RAW_DATA_
MIX_CH1_3
NEG_
RAW_DATA_
SUB_CH2
NEG_
RAW_DATA_
SUB_CH1
0x11
17
RAW DATA MAPPING
RAW_DATA_MAPPING_CH4
RAW_DATA_MAPPING_CH3
RAW_DATA_MAPPING_CH2
RAW_DATA_MAPPING_CH1
0x12
18
PCM DATA OUTPUT MAPPING
OUTPUT_MAPPING_CH4
OUTPUT_MAPPING_CH3
OUTPUT_MAPPING_CH2
OUTPUT_MAPPING_CH1
0x13
19
DSD DATA OUTPUT MAPPING
DSD_MAPPING_CH4
DSD_MAPPING_CH3
DSD_MAPPING_CH2
DSD_MAPPING_CH1
0x14
20
TPDF DITHER LEVEL
RESERVED
DITHER_SCALE
0x15
21
DITHER MASK
DITHER_MASK
0x16
22
DITHER_MASK
0x17
23
FS GEN PHASE CONTROL
DSD_SYNC_TO
_1FS
FS_PHASE
0x18 -
0x1A
24 -
26
RESERVED
RESERVED
0x1B
27
INTERRUPT
INTERRUPT_
CLEAR_CH4_
PEAK_DETECT
INTERRUPT_
CLEAR_CH3_
PEAK_DETECT
INTERRUPT_
CLEAR_CH2_
PEAK_DETECT
INTERRUPT_
CLEAR_CH1_
PEAK_DETECT
INTERRUPT_
MASK_CH4_
PEAK_DETECT
INTERRUPT_
MASK_CH3_
PEAK_DETECT
INTERRUPT_
MASK_CH2_
PEAK_DETECT
INTERRUPT_
MASK_CH1_
PEAK_DETECT
0x1C
28
SPDIF CONFIG
SPDIF_CS
0x1D
29
SPDIF_CS
0x1E
30
SPDIF_CS
0x1F
31
SPDIF_CS
0x20
32
SPDIF_CS
0x21
33
DSD DITHER SCALE & SYNC
CONTROL
SYNC_
POSEDGE_
FRAME
DISABLE_SYNC
_REF
FORCE_
FIR_SYNC
DSD_DITHER_SCALE
0x22
34
SYNC CONTROL
AUTO_ADC_
CLKDIV_SYNC
AUTO_
CLK_IADC_
PHASE_SYNC
AUTO_DSD_
PHASE_SYNC
AUTO_WS_
PHASE_SYNC
AUTO_
ICG_EN_SYNC
AUTO_
ICG_SYNC
AUTO_
FIR_SYNC
AUTO_
FS_SYNC
0x23
35
ASP1 CONFIG
RESERVED
SELECT_ASP1_NUM
ENABLE_
ASP1_CLK
0x24
36
ASP2 CONFIG
RESERVED
SELECT_ASP2_NUM
ENABLE_
ASP2_CLK
0x25
37
ASP ENABLE & PROGRAM CONTROL
ASP2_
COEFF_WE
ASP1_
COEFF_WE
ASP2_
PROGRAM_WE
ASP1_
PROGRAM_WE
ASP2_
PROGRAM_EN
ASP1_
PROGRAM_EN
ENABLE_ASP2
ENABLE_ASP1
0x26
38
ASP PROGRAM ADDR
ASP_PROGRAM_ADDR
0x27
39
RESERVED
ASP_
PROGRAM_
ADDR
0x28
40
ASP PROGRAM
ASP_PROGRAM_IN
0x29
41
RESERVED
ASP_PROGRAM_IN
0x2A
42
ASP COEFF ADDR
RESERVED
ASP_COEFF_ADDR
0x2B
43
ASP COEFF
ASP_COEFF_LSB
0x2C
44
ASP_COEFF_LSB
0x2D
45
ASP_COEFF_LSB
0x2E
46
ASP_COEFF_LSB
0x2F
47
ASP_COEFF_MSB
0x30
48
ASP_COEFF_MSB
0x31
49
ASP_COEFF_MSB
0x32
50
ASP_COEFF_MSB
0x33
51
ASP1 CH1 STEP SIZE
ASP1_CH1_STEP_SIZE
0x34
52
ASP1 CH2 STEP SIZE
ASP1_CH2_STEP_SIZE
0x35
53
ASP2 CH1 STEP SIZE
ASP2_CH1_STEP_SIZE
0x36
54
ASP2 CH2 STEP SIZE
ASP2_CH2_STEP_SIZE
0x37
55
ASP1 CUSTOM ADDR
RESERVED
ASP1_CUSTOM_ADDR
0x38
56
ASP1 CUSTOM ADDR2
RESERVED
ASP1_CUSTOM_ADDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com