Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 49 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 49 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 45Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 46Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 47Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 48Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 49Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 50Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 51Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 52Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 53Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
49
Audio Interface Timing Requirements
PARAMETER
SYMBOL
MINIMUM TYPICAL
MAXIMUM
UNIT
LJ/I2S Mode or TDM modes
Slave Mode
BCLK period
tb
20
-
-
ns
BCLK high duration
tbH
9
-
-
ns
BCLK low duration
tbL
9
-
-
ns
BCLK fall to Frame transition
tbsr
-6
0
6
ns
BCLK fall to serial data out
tbsdo
-
13.8
-
ns
Data in setup time
tsdisu
-
-
-
ns
Data in hold time
tsdihold
-
-
-
ns
Master Mode
BCLK period
tb
20
-
-
ns
BCLK high duration
tbH
9
-
-
ns
BCLK low duration
tbL
9
-
-
ns
BCLK fall to Frame transition
tbsr
-
0
-
ns
BCLK fall to serial data out
tbsdo
-
13.2
-
ns
Data in setup time
tsdisu
-
-
-
-
Data in hold time
tsdihold
-
-
-
-
Table 23 - Audio Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com