Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 39 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 39 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 35Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 36Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 37Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 38Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 39Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 40Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 41Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 42Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 43Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
39
I2S Slave Clock Rate Configurations
MCLK
Frequency
WS [kHz]
BCK
Channels
Register 2
[4:0]
SELECT_ADC_NUM
Register 0
[3]
ENABLE_64FS_MO
DE
Value
Divider
Value
Multiplier
22.579 MHz
44.1
512FS
2
7’d3
4
1’b0
1x
88.2
256FS
2
7’d1
2
1’b0
1x
176.4
128FS
2
7’d0
1
1’b0
1x
352.8
64FS
2
7’d0
1
1’b1
2x
24.576 MHz
48
512FS
2
7’d3
4
1’b0
1x
96
256FS
2
7’d1
2
1’b0
1x
192
128FS
2
7’d0
1
1’b0
1x
384
64FS
2
7’d0
1
1’b1
2x
45.158 MHz
44.1
1024FS
2
7’d7
8
1’b0
1x
88.2
512FS
2
7’d3
4
1’b0
1x
176.4
256FS
2
7’d1
2
1’b0
1x
352.8
128FS
2
7’d0
1
1’b0
1x
49.152 MHz
48
1024FS
2
7’d7
8
1’b0
1x
96
512FS
2
7’d3
4
1’b0
1x
192
256FS
2
7’d1
2
1’b0
1x
384
128FS
2
7’d0
1
1’b0
1x
Table 10 - I2S Slave Clock Rate Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com