Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 9Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 10Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 11Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 12Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 13Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 14Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 15Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 16Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
13
Volume Rate Configuration Registers
• Register 111: ADC CH1 VOLUME RATE
• Register 128: ADC CH2 VOLUME RATE
• Register 145: ADC CH3 VOLUME RATE
• Register 162: ADC CH4 VOLUME RATE
Audio Signal Processor (ASP)4
The ES9842 PRO includes 2 stereo audio signal processors (ASP) which can be used to implement both custom filter
coefficients as well as custom filter architectures. This feature may also be used to implement a programmable equalizer
(PEQ), and other applications.
See Digital Signal Path diagram for location in the data path.
The ASP can be used to implement a DC blocking high pass filter.
ASP Registers:
• Registers 35-58
Ask your FAE or distributor for the Distortion Compensation application note.
Peak Detection5
If the peak level of the ES9842 PRO device’s input audio stream rises above the programmed ADC#_PEAK_LEVEL value,
the corresponding peak flag will be set. The peak flag will stay set until it is cleared with
INTERRUPT_CLEAR_CH#_PEAK_DETECTION. Any of the GPIO pins can be configured to output the state of any of the
peak flags if INTERRUPT_MASK_CH#_PEAK_ DETECTION is set for the corresponding channel.
Peak Level Registers:
• Register 106: ADC CH1 PEAK DETECTOR LEVEL
• Register 123: ADC CH2 PEAK DETECTOR LEVEL
• Register 140: ADC CH3 PEAK DETECTOR LEVEL
• Register 157: ADC CH4 PEAK DETECTOR LEVEL
Peak Interrupt Clear Registers:
• Register 27[7]: INTERRUPT_CLEAR_CH4_PEAK_DETECTION
• Register 27[6]: INTERRUPT_CLEAR_CH3_PEAK_DETECTION
• Register 27[5]: INTERRUPT_CLEAR_CH2_PEAK_DETECTION
• Register 27[4]: INTERRUPT_CLEAR_CH1_PEAK_DETECTION
4
For help with designing with the ASP, please reference the ASP GUIDE Application Note. Available from your local FAE
upon request.
5
For further information on using Peak Detection, please reference the peak detector configuration application note.
Available from your local FAE upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com