Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842QPRO Datasheet(PDF) 64 Page - ESS Technology,Inc

Part # ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Datasheet(HTML) 64 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 60Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 61Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 62Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 63Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 64Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 65Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 66Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 67Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 68Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
64
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register Listing
Some RESERVED registers do not default to 0x00 and should not be modified for normal operation. If the value of the
reserved registers is changed from the default state, it will be noted.
System Registers
Register 0: SYS CONFIG
Bits
[7]
[6:5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
2'b00
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to the digital core
• 1'b0: Normal operation
• 1'b1: Reset digital core
[6:5]
OUTPUT_SEL
Selects output data format.
• 2'd0: I2S output (default)
• 2'd1: SPDIF output
• 2'd2: TDM output
• 2'd3: DSD output
[4]
RESERVED
NA
[3]
ENABLE_64FS_MODE
Enables 64FS mode for 768k sample rate.
• 1'b0: 64FS mode disabled (default)
• 1'b1: 64FS mode enabled
[2]
TWO_CH_MODE
Enables ADC two channel mode. ADC Channel 3 is mixed into ADC
Channel 1. ADC Channel 4 is mixed into Channel 2.
• 1'b0: Two channel mode disabled (default)
• 1'b1: Two channel mode enabled
[1]
MONO_MODE
Enables mono mode. All 4-channel data is mixed into Ch1. For Ch1,
mono mode has higher priority than two channel mode.
• 1'b0: Mono mode disabled (default)
• 1'b1: Mono mode enabled
[0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com