Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 29 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 25Page - Microchip Technology USB5807C Datasheet HTML 26Page - Microchip Technology USB5807C Datasheet HTML 27Page - Microchip Technology USB5807C Datasheet HTML 28Page - Microchip Technology USB5807C Datasheet HTML 29Page - Microchip Technology USB5807C Datasheet HTML 30Page - Microchip Technology USB5807C Datasheet HTML 31Page - Microchip Technology USB5807C Datasheet HTML 32Page - Microchip Technology USB5807C Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 29
USB5807C
8.2
Battery Charging
The device can be configured by an OEM to have any of the downstream ports support battery charging. The hub’s role
in battery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via the
PRT_CTL[7:1] pins, is
on a per port basis. For example, the OEM can configure two ports to support battery charging through high current
power FETs and leave the other two ports as standard USB ports.
For additional information, refer to the Microchip USB5807C Battery Charging application note on the Microchip.com
USB5807C product page www.microchip.com/USB5807C.
FIGURE 8-2:
UFP TYPE-C PORT WITH MICROCHIP UTC2000 & EXTERNAL MUX
FIGURE 8-3:
BATTERY CHARGING EXTERNAL POWER SUPPLY
UTC2000
UFP Mode
USB Type-C
External Mux
Upstream Port
VBUS
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
CC1
CC2
CC1
CC2
CONNECTED#
MUX
VBUS_DET
SSTX+
SSTX-
SSRX+
SSRX-
D+
D-
C_ATTACH0
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
SSTX+
SSTX-
SSRX+
SSRX-
USB Type-C
3.3V
PLUG_
ORIENTATION#
A/B
SOC
VBUS[n]
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com