Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 10 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 6Page - Microchip Technology USB5807C Datasheet HTML 7Page - Microchip Technology USB5807C Datasheet HTML 8Page - Microchip Technology USB5807C Datasheet HTML 9Page - Microchip Technology USB5807C Datasheet HTML 10Page - Microchip Technology USB5807C Datasheet HTML 11Page - Microchip Technology USB5807C Datasheet HTML 12Page - Microchip Technology USB5807C Datasheet HTML 13Page - Microchip Technology USB5807C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
USB5807C
DS00003182B-page 10
2019 - 2021 Microchip Technology Inc.
The pin reset state definitions are detailed in Table 3-1.
3.3
USB5926C Pin Descriptions
This section contains descriptions of the various USB5807 pins. The pin descriptions have been broken into functional
groups as follows:
• USB 3.2 Gen 1 Pin Descriptions
• USB 2.0 Pin Descriptions
• Port Control Pin Descriptions
• SPI Interface
• USB Type-C Connector Controls
• Miscellaneous Pin Descriptions
• Configuration Strap Pin Descriptions
• Power and Ground Pin Descriptions
The “
_N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. For example,
RESET_N indicates that the reset signal is active low. When “_N” is not present after the signal
name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
TABLE 3-1:
PIN RESET STATE LEGEND
Symbol
Description
A/P
Analog/Power Input
R
Reset Control Input
Z
Hardware disables output driver (high impedance)
PU-50k
Hardware enables internal 50kΩ pull-up
PD-50k
Hardware enables internal 50kΩ pull-down
PD-15k
Hardware enables internal 15kΩ pull-down
PD-1M
Hardware enables internal 1M pull-down
TABLE 3-2:
USB 3.2 GEN 1 PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB 3.2 Gen 1
Upstream D+ TX
USB3UP_TXDP
I/O-U
Upstream USB 3.2 Gen 1 Transmit Data Plus
USB 3.2 Gen 1
Upstream D- TX
USB3UP_TXDM
I/O-U
Upstream USB 3.2 Gen 1 Transmit Data Minus
USB 3.2 Gen 1
Upstream D+ RX
USB3UP_RXDP
I/O-U
Upstream USB 3.2 Gen 1 Receive Data Plus
USB 3.2 Gen 1
Upstream D- RX
USB3UP_RXDM
I/O-U
Upstream USB 3.2 Gen 1 Receive Data Minus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com