Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 44 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 40Page - Microchip Technology USB5807C Datasheet HTML 41Page - Microchip Technology USB5807C Datasheet HTML 42Page - Microchip Technology USB5807C Datasheet HTML 43Page - Microchip Technology USB5807C Datasheet HTML 44Page - Microchip Technology USB5807C Datasheet HTML 45Page - Microchip Technology USB5807C Datasheet HTML 46Page - Microchip Technology USB5807C Datasheet HTML 47Page - Microchip Technology USB5807C Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
USB5807C
DS00003182B-page 44
2019 - 2021 Microchip Technology Inc.
10.6.2
POWER-ON AND CONFIGURATION STRAP TIMING
Figure 10-3 illustrates the configuration strap valid timing requirements in relation to power-on, for applications where
RESET_N is not used at power-on. In order for valid configuration strap values to be read at power-on, the following
timing requirements must be met. The operational levels (Vopp) for the external power supplies are detailed in
Section 10.2, Operating Conditions**.
Device configuration straps are also latched as a result of
RESET_N assertion. Refer to Section 10.6.3, Reset and Con-
figuration Strap Timing for additional details.
10.6.3
RESET AND CONFIGURATION STRAP TIMING
Figure 10-4 illustrates the
RESET_N pin timing requirements and its relation to the configuration strap pins. Assertion
of
RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to
Section 8.4, Resets for additional information on resets. Refer to Section 3.5, Configuration Straps and Programmable
Functions for additional information on configuration straps.
FIGURE 10-3:
POWER-ON CONFIGURATION STRAP VALID TIMING
TABLE 10-6: POWER-ON CONFIGURATION STRAP LATCHING TIMING
Symbol
Description
Min
Typ
Max
Units
tcsh
Configuration strap hold after external power supplies at opera-
tional levels
1
ms
FIGURE 10-4:
RESET_N CONFIGURATION STRAP TIMING
TABLE 10-7: RESET_N CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
5
s
tcsh
Configuration strap pins hold after
RESET_N deassertion
1
ms
Note:
The clock input must be stable prior to
RESET_N deassertion.
Configuration strap latching and output drive timings shown assume that the Power-On reset has finished
first otherwise the timings in Section 10.6.2, Power-On and Configuration Strap Timing apply.
All External
Power Supplies
Vopp
Configuration
Straps
RESET_N
Configuration
Straps
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com