Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 17 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 13Page - Microchip Technology USB5807C Datasheet HTML 14Page - Microchip Technology USB5807C Datasheet HTML 15Page - Microchip Technology USB5807C Datasheet HTML 16Page - Microchip Technology USB5807C Datasheet HTML 17Page - Microchip Technology USB5807C Datasheet HTML 18Page - Microchip Technology USB5807C Datasheet HTML 19Page - Microchip Technology USB5807C Datasheet HTML 20Page - Microchip Technology USB5807C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 17
USB5807C
Note 2:Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N
(external chip reset). Configuration straps are identified by an underlined symbol name. Signals that function
as configuration straps must be augmented with an external resistor when connected to a load. Refer to
Section 3.5, Configuration Straps and Programmable Functions for additional information.
Battery Charging
Configuration
Strap
CFG_BC_EN
I
Configuration strap to control number of BC 1.2 enabled
downstream ports. See Section 3.5.4, Battery Charging
Configuration (CFG_BC_EN)
See Note 2
TABLE 3-9:
POWER AND GROUND PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
+3.3V Power
Supply Input
VDD33
P
+3.3 V power and internal regulator input
Refer to Section 4.1, Power Connections for power con-
nection information
+1.2V Core
Power Supply
Input
VDD12
P
+1.2 V core power
Refer to Section 4.1, Power Connections for power con-
nection information.
Ground
GND
P
Common ground.
This exposed pad must be connected to the ground plane
with a via array.
TABLE 3-8:
CONFIGURATION STRAP PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com