Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 7 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 3Page - Microchip Technology USB5807C Datasheet HTML 4Page - Microchip Technology USB5807C Datasheet HTML 5Page - Microchip Technology USB5807C Datasheet HTML 6Page - Microchip Technology USB5807C Datasheet HTML 7Page - Microchip Technology USB5807C Datasheet HTML 8Page - Microchip Technology USB5807C Datasheet HTML 9Page - Microchip Technology USB5807C Datasheet HTML 10Page - Microchip Technology USB5807C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 7
USB5807C
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
Hub Controller Logic
I
2C/SMB
I2C from Master
25 Mhz
USB3 USB2
P3
A
AFE0
P4
A
P5
A
P6
A
+3.3 V
+1.2 V
P1
A
P2
A
P0 B
P7
A
AFE5
AFE4
AFE3
AFE2
AFE1
AFE3
AFE4
AFE5
AFE6
AFE2
AFE6
AFE1
AFE7
AFE7
AFE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com