Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C Datasheet(PDF) 40 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 36Page - Microchip Technology USB5807C Datasheet HTML 37Page - Microchip Technology USB5807C Datasheet HTML 38Page - Microchip Technology USB5807C Datasheet HTML 39Page - Microchip Technology USB5807C Datasheet HTML 40Page - Microchip Technology USB5807C Datasheet HTML 41Page - Microchip Technology USB5807C Datasheet HTML 42Page - Microchip Technology USB5807C Datasheet HTML 43Page - Microchip Technology USB5807C Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
USB5807C
DS00003182B-page 40
2019 - 2021 Microchip Technology Inc.
10.0 OPERATIONAL CHARACTERISTICS
10.1 Absolute Maximum Ratings*
+1.2 V Supply Voltage (
VDD12) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 V to +1.32 V
+3.3 V Supply Voltage (
VDD33) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 V to +4.6 V
Positive voltage on input signal pins, with respect to ground (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.6 V
Negative voltage on input signal pins, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V
Positive voltage on
XTALI/CLKIN, with respect to ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.63 V
Positive voltage on USB DP/DM signal pins, with respect to ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0 V
Positive voltage on USB 3.2 Gen 1
USB3UP_xxxx and USB3DN_xxxx signal pins, with respect to ground. . . . . 1.32 V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +150oC
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125oC
Lead Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
Note 1: When powering this device from laboratory or system power supplies, it is important that the absolute max-
imum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when AC power is switched on or off. In addition, voltage transients on the AC power line may
appear on the DC output. If this possibility exists, it is suggested to use a clamp circuit.
Note 2: This rating does not apply to the following pins: All USB DM/DP pins, XTAL1/CLKIN, and XTALO
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 10.2, Operating Conditions**,
Section 10.5, DC Specifications, or any other applicable section of this specification is not implied.
10.2 Operating Conditions**
+1.2 V Supply Voltage (
VDD12) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.08 V to +1.32 V
+3.3 V Supply Voltage (
VDD33) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.0 V to +3.6 V
Input Signal Pins Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 V to +3.6 V
XTALI/CLKIN Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 V to +3.6 V
USB 2.0 DP/DM Signal Pins Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 V to +5.5 V
USB 3.2 Gen 1
USB3UP_xxxx and USB3DN_xxxx Signal Pins Voltage . . . . . . . . . . . . . . . . . . . . . . . .-0.3 V to +1.32 V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 3
+1.2 V Supply Voltage Rise Time (TRT in Figure 10-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 µs
+3.3 V Supply Voltage Rise Time (TRT in Figure 10-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 µs
Note 3: 0oC to +70oC for commercial version, -40oC to +85oC for industrial version.
**Proper operation of the device is guaranteed only within the ranges specified in this section.
Note:
Do not drive input signals without power supplied to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com