Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 18 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 14Page - Microchip Technology USB5807CT/KD Datasheet HTML 15Page - Microchip Technology USB5807CT/KD Datasheet HTML 16Page - Microchip Technology USB5807CT/KD Datasheet HTML 17Page - Microchip Technology USB5807CT/KD Datasheet HTML 18Page - Microchip Technology USB5807CT/KD Datasheet HTML 19Page - Microchip Technology USB5807CT/KD Datasheet HTML 20Page - Microchip Technology USB5807CT/KD Datasheet HTML 21Page - Microchip Technology USB5807CT/KD Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
USB5807C
DS00003182B-page 18
2019 - 2021 Microchip Technology Inc.
3.4
Buffer Type Descriptions
TABLE 3-10: USB5807 BUFFER TYPE DESCRIPTIONS
BUFFER
DESCRIPTION
I
Input.
IS
Input with Schmitt trigger.
O12
Output buffer with 12 mA sink and 12 mA source.
OD12
Open-drain output with 12 mA sink
PU
50 μA (typical) internal pull-up. Unless otherwise noted in the pin description, internal
pull-ups are always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled high, an external resistor must be added.
PD
50 μA (typical) internal pull-down. Unless otherwise noted in the pin description,
internal pull-downs are always enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled low, an external resistor must be added.
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
I/O-U
Analog input/output defined in USB specification.
I-R
RBIAS.
Note:
Refer to Section 10.5, DC Specifications for individual buffer DC electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com