Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 34 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 30Page - Microchip Technology USB5807CT/KD Datasheet HTML 31Page - Microchip Technology USB5807CT/KD Datasheet HTML 32Page - Microchip Technology USB5807CT/KD Datasheet HTML 33Page - Microchip Technology USB5807CT/KD Datasheet HTML 34Page - Microchip Technology USB5807CT/KD Datasheet HTML 35Page - Microchip Technology USB5807CT/KD Datasheet HTML 36Page - Microchip Technology USB5807CT/KD Datasheet HTML 37Page - Microchip Technology USB5807CT/KD Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
USB5807C
DS00003182B-page 34
2019 - 2021 Microchip Technology Inc.
8.7.2.2
Port Power Control using Poly Fuse
When using the device with a poly fuse, there is no need for an output power control. To maintain consistency, the same
circuit will be used. A single port power control and over-current sense for each downstream port is still used from the
Hub's perspective. When disabling port power, the driver will actively drive a '0'. This will have no effect as the external
diode will isolate pin from the load. When port power is enabled, it will disable the output driver and enable the pull-up
resistor. This means that the pull-up resistor is providing 3.3 volts to the anode of the diode. If there is an over-current
situation, the poly fuse will open. This will cause the cathode of the diode to go to 0 volts. The anode of the diode will
be at 0.7 volts, and the Schmidt trigger input will register this as a low resulting in an over-current detection. The open
drain output does not interfere.
TABLE 8-4:
OVERCURRENT LOCKOUT TIMER REGISTER
START_LOCKOUT_TIMER_REG
(30E1h)
Start Lockout Timer Register
BIT
Name
R/W
Description
7:0
START_LOCKOUT_TIMER_REG
R/W
The “start lockout timer” blocks an overcurrent event from
being detected immediately after port power is turned on.
Any overcurrent event within this timer value is ignored.
The timer can be incremented in 1ms steps. The default
value is 10ms (0Ah).
Note:
This register should never be set to 00h.
Note:
The USB 2.0 and USB 3.2 Gen 1 bPwrOn2PwrGood descriptors must be set to 0 when using poly-fuse
mode. Refer to the “Configuration Options for the USB58xx and USB59xx” Microchip application note for
details on how to change these values.
FIGURE 8-7:
PORT POWER CONTROL USING A POLY FUSE
PRT_CTLx
50k
PRTPWR
OCS
USB
Device
Pull-Up Enable
5V
Poly Fuse
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com