Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 22 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 18Page - Microchip Technology USB5807CT/KD Datasheet HTML 19Page - Microchip Technology USB5807CT/KD Datasheet HTML 20Page - Microchip Technology USB5807CT/KD Datasheet HTML 21Page - Microchip Technology USB5807CT/KD Datasheet HTML 22Page - Microchip Technology USB5807CT/KD Datasheet HTML 23Page - Microchip Technology USB5807CT/KD Datasheet HTML 24Page - Microchip Technology USB5807CT/KD Datasheet HTML 25Page - Microchip Technology USB5807CT/KD Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
USB5807C
DS00003182B-page 22
2019 - 2021 Microchip Technology Inc.
4.0
DEVICE CONNECTIONS
4.1
Power Connections
Figure 4-1 illustrates the device power connections.
4.2
SPI ROM Connections
Figure 4-2 illustrates the device SPI ROM connections. Refer to
Section 7.1 “SPI Master Interface” for additional infor-
mation on this device interface.
4.3
SMBus Slave Connections
Figure 4-3 illustrates the device SMBus slave connections. Refer to
Section 7.2 “SMBus Slave Interface” for addi-
tional information on this device interface.
FIGURE 4-1:
DEVICE POWER CONNECTIONS
FIGURE 4-2:
SPI ROM CONNECTIONS
FIGURE 4-3:
SMBUS SLAVE CONNECTIONS
+3.3V
Supply
USB5807C
3.3V Internal Logic
VDD33
VSS
1.2V Internal Logic
+1.2V
Supply
VDD12
USB5807C
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
SPI ROM
CE#
CLK
DI
DO
+3.3V
USB5807C
SMCLK
SMDAT
SMBus
Master
Clock
Data
10K
+3.3V
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com