Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 24 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 20Page - Microchip Technology USB5807CT/KD Datasheet HTML 21Page - Microchip Technology USB5807CT/KD Datasheet HTML 22Page - Microchip Technology USB5807CT/KD Datasheet HTML 23Page - Microchip Technology USB5807CT/KD Datasheet HTML 24Page - Microchip Technology USB5807CT/KD Datasheet HTML 25Page - Microchip Technology USB5807CT/KD Datasheet HTML 26Page - Microchip Technology USB5807CT/KD Datasheet HTML 27Page - Microchip Technology USB5807CT/KD Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
USB5807C
DS00003182B-page 24
2019 - 2021 Microchip Technology Inc.
5.1
Standby Mode
If the
RESET_N pin is asserted, the hub will be in Standby Mode. This mode provides a very low power state for maxi-
mum power efficiency when no signaling is required. This is the lowest power state. In Standby Mode all downstream
ports are disabled, the USB data pins are held in a high-impedance state, all transactions immediately terminate (no
states saved), all internal registers return to their default state, the PLL is halted, and core logic is powered down in order
to minimize power consumption. Because core logic is powered off, no configuration settings are retained in this mode
and must be re-initialized after
RESET_N is negated high.
5.2
SPI Initialization Stage (SPI_INIT)
The first stage, the initialization stage, occurs on the deassertion of
RESET_N. In this stage, the internal logic is reset,
the PLL locks if a valid clock is supplied, and the configuration registers are initialized to their default state. The internal
firmware then checks for an external SPI ROM. The firmware looks for an external SPI flash device that contains a valid
signature of “2DFU” (device firmware upgrade) beginning at address 0xFFFA. If a valid signature is found, then the
external ROM is enabled and the code execution begins at address 0x0000 in the external SPI device. If a valid signa-
ture is not found, then execution continues from internal ROM (CFG_RD stage).
When using an external SPI ROM, a 1 Mbit, 60 MHz or faster ROM must be used. Both 1- and 2-bit SPI operation are
supported. For optimum throughput, a 2-bit SPI ROM is recommended. Both mode 0 and mode 3 SPI ROMs are also
supported.
If the system is not strapped for SPI Mode, code execution will continue from internal ROM (CFG_RD stage).
5.3
Configuration Read Stage (CFG_RD)
In this stage, the internal firmware loads the default values from the internal ROM and then uses the configuration strap-
ping options to override the default values. Refer to Section 3.5, Configuration Straps and Programmable Functions for
information on usage of the various device configuration straps.
5.4
Strap Read Stage (STRAP)
In this stage, the firmware registers the configuration strap settings and checks the state of
CFG_STRAP. If
CFG_STRAP is set for CONFIG2, then the hub will check the state of the SMBDATA and SMBCLK pins. If 10k pull-up
resistors are detected on both pins, the device will enter the SOC_CFG stage. If 10k pull-up resistors are not detected
on both pins, the hub will transition to the OTP_CFG stage instead.
5.5
SOC Configuration Stage (SOC_CFG)
In this stage, the SOC can modify any of the default configuration settings specified in the integrated ROM, such as USB
device descriptors and port electrical settings.
There is no time limit on this mode. In this stage the firmware will wait indefinitely for the SMBus/I2C configuration. When
the SOC has completed configuring the device, it must write to register 0xFF to end the configuration.
5.6
OTP Configuration Stage (OTP_CFG)
Once the SOC has indicated that it is done with configuration, all configuration data is combined in this stage. The
default data, the SOC configuration data, and the OTP data are all combined in the firmware and the device is pro-
grammed.
After the device is fully configured, it will go idle and then into suspend if there is no VBUS or Hub.Connect present.
Once VBUS is present, and battery charging is enabled, the device will transition to the Battery Charger Detection
Stage. If VBUS is present, and battery charging is not enabled, the device will transition to the Connect stage.
5.7
Hub Connect Stage (Hub.Connect)
Once the CHGDET stage is completed, the device enters the Hub Connect stage. USB connect can be initiated by
asserting the VBUS pin function high. The device will remain in the Hub Connect stage indefinitely until the VBUS pin
function is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com