Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 23 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 19Page - Microchip Technology USB5807CT/KD Datasheet HTML 20Page - Microchip Technology USB5807CT/KD Datasheet HTML 21Page - Microchip Technology USB5807CT/KD Datasheet HTML 22Page - Microchip Technology USB5807CT/KD Datasheet HTML 23Page - Microchip Technology USB5807CT/KD Datasheet HTML 24Page - Microchip Technology USB5807CT/KD Datasheet HTML 25Page - Microchip Technology USB5807CT/KD Datasheet HTML 26Page - Microchip Technology USB5807CT/KD Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 23
USB5807C
5.0
MODES OF OPERATION
The device provides two main modes of operation: Standby Mode and Hub Mode. These modes are controlled via the
RESET_N pin, as shown in Table 5-1.
The flowchart in Figure 5-1 details the modes of operation and how the device traverses through the Hub Mode stages
(shown in bold). The remaining sub-sections provide more detail on each stage of operation.
TABLE 5-1:
MODES OF OPERATION
RESET_N Input
Summary
0
Standby Mode: This is the lowest power mode of the device. No functions are active
other than monitoring the
RESET_N input. All port interfaces are high impedance and
the PLL is halted. Refer to Section 8.4.2, External Chip Reset (RESET_N) for additional
information on
RESET_N.
1
Hub (Normal) Mode: The device operates as a configurable USB hub with battery
charger detection. This mode has various sub-modes of operation, as detailed in
Figure 5-1. Power consumption is based on the number of active ports, their speed,
and amount of data transferred.
FIGURE 5-1:
HUB BOOT FLOWCHART
(OTP_CFG)
NORMAL operation
(SOC_CFG)
NO
YES
(STRAP)
SPI
Signature
Present?
NO
YES
Load Config from
Internal ROM
(CFG_RD)
Modify Config
Based on OTP
YES
(SPI_INIT)
CFG_STRAP for
SMBus Slave?
SOC Done?
Do SMBus or I2C
initialization
No
Combine OTP
Config Data
Run from
External ROM
Hub Connect
Load Config from
External ROM
(Ext_CFG
_RD)
Modify Config
Based on psuedo-
OTP
RESET_N deasserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com