Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807CT/KD Datasheet(PDF) 30 Page - Microchip Technology

Part # USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 26Page - Microchip Technology USB5807CT/KD Datasheet HTML 27Page - Microchip Technology USB5807CT/KD Datasheet HTML 28Page - Microchip Technology USB5807CT/KD Datasheet HTML 29Page - Microchip Technology USB5807CT/KD Datasheet HTML 30Page - Microchip Technology USB5807CT/KD Datasheet HTML 31Page - Microchip Technology USB5807CT/KD Datasheet HTML 32Page - Microchip Technology USB5807CT/KD Datasheet HTML 33Page - Microchip Technology USB5807CT/KD Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
USB5807C
DS00003182B-page 30
2019 - 2021 Microchip Technology Inc.
8.3
FlexConnect
This feature allows the upstream port to be swapped with downstream physical port 1. Only downstream port 1 can be
swapped physically. The default state is when port 0 is the upstream port. The ‘flexed” state is when port 1 is the
upstream port.
FlexConnect can be enabled/disabled in any of the following ways:
• SMBus Configuration
• Direct Pin Control
8.3.1
SMBUS CONFIGURATION
FlexConnect can be controlled via runtime configuration registers through the SMBus Slave Interface during hub run-
time (after enumeration).
8.3.2
DIRECT PIN CONTROL
The
FLEX_CMD control input can be used to control the FlexConnect state. When driven or pulled low, the hub will
operate in it’s default state. When driven or pull high, the hub will operate in it’s “flexed” state.
The
FLEX_STATE output displays the current state of FlexConnect. It operates in the same manner regardless of how
FlexConnect is controlled (SMBus or Direct Pin Control). When low, the hub is currently in it’s default state. When high,
the hub is in its “flexed” state.
8.4
Resets
• Power-On Reset (POR)
• External Chip Reset (RESET_N)
• USB Bus Reset
8.4.1
POWER-ON RESET (POR)
A power-on reset occurs whenever power is initially supplied to the device, or if power is removed and reapplied to the
device. A timer within the device will assert the internal reset per the specifications listed in Section 10.6.2, Power-On
and Configuration Strap Timing.
8.4.2
EXTERNAL CHIP RESET (
RESET_N)
A valid hardware reset is defined as assertion of
RESET_N, after all power supplies are within operating range, per the
specifications in Section 10.6.3, Reset and Configuration Strap Timing. While reset is asserted, the device (and its asso-
ciated external circuitry) enters Standby Mode and consumes minimal current.
Assertion of
RESET_N causes the following:
1. The PHY is disabled and the differential pairs will be in a high-impedance state.
2. All transactions immediately terminate; no states are saved.
3. All internal registers return to the default state.
4. The external crystal oscillator is halted.
5. The PLL is halted.
Note:
For additional information, refer to the Microchip USB58xx/USB59xx FlexConnect application note on the
Microchip.com USB5807C product page.
Note:
All power supplies must have reached the operating levels mandated in Section 10.2, Operating Condi-
tions**, prior to (or coincident with) the assertion of
RESET_N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com