Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 31 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 31 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 27Page - ABB OVR40320SPTS Datasheet HTML 28Page - ABB OVR40320SPTS Datasheet HTML 29Page - ABB OVR40320SPTS Datasheet HTML 30Page - ABB OVR40320SPTS Datasheet HTML 31Page - ABB OVR40320SPTS Datasheet HTML 32Page - ABB OVR40320SPTS Datasheet HTML 33Page - ABB OVR40320SPTS Datasheet HTML 34Page - ABB OVR40320SPTS Datasheet HTML 35Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Residual
Curr
ent
Devices
Low Voltage Products & Systems
16.29
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Residual current devices
F200 Series
Description
The F200 Series residual current devices offer
a wide range of product for all of your fault
protection needs.
A & AC
A large offering for standard instantaneous and
selective AC and A types.
All sizes up to 63 mA with sensitivity thresh-
olds up to 1 A are offered in all possible pole
configurations.
ABB RCDs carry many marks and approvals for
the worldwide market.
Features
RCDs assure protection to equipment against
current leakage to earth.
UL 1053
UL file number: E244046
F200AC
F200A
Type
AC
A
Amperage (A)
16,25,40,63,80,100,125 1
16,25,40,63,80,100,125 1
Voltage
Up to 480 VAC
Up to 480 VAC
Sensitivity (mA)
0.01, 0.03, 0.1, 0.3, 0.5
0.01, 0.03, 0.1, 0.3, 0.5
–
F200A AP-R
Type
–
A
Amperage (A)
–
25,40,63,80,100,125 1
Voltage
–
Up to 480 VAC
Sensitivity (mA)
–
0.03
F200AC S
F200A S
Type
AC
A
Amperage (A)
40,63
40,63,100,125 1
Voltage
Up to 480 VAC
Up to 480 VAC
Sensitivity (mA)
0.1, 0.3, 0.5, 1.0
0.1, 0.3, 0.5, 1.0
1 125A versions are not UL approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com