Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 54 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 54 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 50Page - ABB OVR40320SPTS Datasheet HTML 51Page - ABB OVR40320SPTS Datasheet HTML 52Page - ABB OVR40320SPTS Datasheet HTML 53Page - ABB OVR40320SPTS Datasheet HTML 54Page - ABB OVR40320SPTS Datasheet HTML 55Page - ABB OVR40320SPTS Datasheet HTML 56Page - ABB OVR40320SPTS Datasheet HTML 57Page - ABB OVR40320SPTS Datasheet HTML 58Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
16.52
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Command
Devices
E210
Series
16
16
E210 Switches
E211-... ON-OFF switch devices are used to switch indicators or other electrical components
(like fan’s, air-conditions, e.g.). The new On-Off switches distinguish themselves through simple
handling, easy mounting and optimal functionality.
E211-... ON-OFF switches
Contacts
Rated voltage
Power loss
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1 NO
250
0.32
9
E211-16-10
2 NO
230/400
0.82
9
E211-16-20
3 NO
230/400
1.14
18
E211-16-30
4 NO
230/400
1.64
18
E211-16-40
Rated current = 25A
1 NO
250
0.75
9
E211-25-10
2 NO
230/400
1.95
9
E211-25-20
3 NO
230/400
2.70
18
E211-25-30
4 NO
230/400
3.90
18
E211-25-40
Rated current = 32A
1 NO
250
1.12
9
E211-32-10
2 NO
230/400
2.73
9
E211-32-20
3 NO
230/400
3.85
18
E211-32-30
4 NO
230/400
5.46
18
E211-32-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com