Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 48 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 48 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 44Page - ABB OVR40320SPTS Datasheet HTML 45Page - ABB OVR40320SPTS Datasheet HTML 46Page - ABB OVR40320SPTS Datasheet HTML 47Page - ABB OVR40320SPTS Datasheet HTML 48Page - ABB OVR40320SPTS Datasheet HTML 49Page - ABB OVR40320SPTS Datasheet HTML 50Page - ABB OVR40320SPTS Datasheet HTML 51Page - ABB OVR40320SPTS Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
16.46
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Fuse
holders
&
fuse
disconnectors
16
16
String protection
To avoid equipment damage on DC lines and
to ensure isolation of the PV system in case of
maintenance, E90 PV disconnector fuses can
be installed downstream the inverter to protect
each single string. The fuses must be selected
according to the rated current of the line and to
the maximum dissipated power.
Back-up download
When the Icc short circuit current, at the point of
installation, is greater than 100 A DC, the OVR
PVs Surge Protective Devices require a back-up
protection with a specific type gR fuse.
DC side of the inverter
For small size photovoltaic systems, E 90 PV fuse
disconnectors can be used to protect the DC
side of the inverter. The fuse should be chosen
according to the rated current of the inverter.
E 90 PV Fuse disconnectors
Protection and disconnection of 1000 V DC lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com