Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 11 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 11 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 7Page - ABB OVR40320SPTS Datasheet HTML 8Page - ABB OVR40320SPTS Datasheet HTML 9Page - ABB OVR40320SPTS Datasheet HTML 10Page - ABB OVR40320SPTS Datasheet HTML 11Page - ABB OVR40320SPTS Datasheet HTML 12Page - ABB OVR40320SPTS Datasheet HTML 13Page - ABB OVR40320SPTS Datasheet HTML 14Page - ABB OVR40320SPTS Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.9
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
OVR NE12 320 277 Y X
ABB SPD
Enclosure rating
Surge capacity
Service voltage
Service
Option:
NEMA 12
320 kA/phase
480
D=Delta
X = Surge counter/
or 160 kA/phase
277
Y=Wye
Diagnostic LCD display
120
SP=Split phase
Blank = Basic display
Designation
Service voltage
Features
Default visualization
Green/red LED
Audible alarm
Surge counter
OVR NE12 320 480D X
480V Delta
Yes
Yes
Yes
OVR NE12 160 480D X
480V Delta
Yes
Yes
Yes
OVR NE12 320 277Y X
480Y/277V
Yes
Yes
Yes
OVR NE12 160 277Y X
480Y/277V
Yes
Yes
Yes
OVR NE12 320 120SP X
240/120V Split phase
Yes
Yes
Yes
OVR NE12 160 120SP X
240/120V Split phase
Yes
Yes
Yes
OVR NE12 320 480D
480V Delta
Yes
Yes
No
OVR NE12 160 480D
480V Delta
Yes
Yes
No
OVR NE12 320 277Y
480Y/277V
Yes
Yes
No
OVR NE12 160 277Y
480Y/277V
Yes
Yes
No
OVR NE12 320 120SP
240/120V Split phase
Yes
Yes
No
OVR NE12 160 120SP
240/120V Split phase
Yes
Yes
No
OVR NE12 enclosed SPD part number diagram
Choosing the correct model
There are three steps to choosing the correct OVR NE12 model:
1) Select service voltage
Consult qualified personnel if the facility or operation service voltage is unknown.
The OVR NE12 is available in three service voltages:
– 480V Delta
– 480Y/277V
– 240/120V Split phase
2) Select the surge capacity (Imax)
The surge capacity is the maximum discharge current (Imax) per phase. Each MOV is
capable of withstanding multiple surges below the maximum surge level.
Two protection levels are available:
– 160kA per phase
– 320kA per phase
3) Choose a basic display or the surge counter/diagnostic LCD display
– Basic display: LED lights and alarm
– Surge counter/diagnostic LCD display: LED lights, alarm and LCD screen displaying
percentage protection level, surge count and last surge date
Once these three steps are complete, consult the tables below and on Page 16.10 to select
the unit. If technical assistance is required, please call ABB Technical Support at (888) 385-1221 option #4.
Product selection
OVR NE12 enclosed SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com